Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2064DGNRG4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS2064DGNRG4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2064DGNRG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS2064DGNRG4 Datasheet HTML 7Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 8Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 9Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 10Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 11Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 12Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 13Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 14Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
POWER-SUPPLY CONSIDERATIONS
IN
OC1
EN1
OC2
2
8
5
7
0.1
µF
22
µF
0.1
µF
22
µF
Load
Load
OUT1
OUT2
Power Supply
2.7 V to 5.5 V
6
EN2
3
4
GND
0.1
µF
TPS2060
1
OVERCURRENT
OC RESPONSE
TPS2060
TPS2064
SLVS553A – MARCH 2005 – REVISED JULY 2005
Figure 20. Typical Application
A 0.01-
µF to 0.1-µF ceramic bypass capacitor between IN and GND, close to the device, is recommended.
Placing a high-value electrolytic capacitor on the output pin(s) is recommended when the output load is heavy.
This precaution reduces power-supply transients that may cause ringing on the input. Additionally, bypassing the
output with a 0.01-
µF to 0.1-µF ceramic capacitor improves the immunity of the device to short-circuit transients.
A sense FET is employed to check for overcurrent conditions. Unlike current-sense resistors, sense FETs do not
increase the series resistance of the current path. When an overcurrent condition is detected, the device
maintains a constant output current and reduces the output voltage accordingly. Complete shutdown occurs only
if the fault is present long enough to activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output has been shorted before the
device is enabled or before VI(IN) has been applied (see Figure 13). The TPS206x senses the short and
immediately switches into a constant-current output.
In the second condition, a short or an overload occurs while the device is enabled. At the instant the overload
occurs, high currents may flow for a short period of time before the current-limit circuit can react. After the
current-limit circuit has tripped (reached the overcurrent trip threshold), the device switches into constant-current
mode.
In the third condition, the load has been gradually increased beyond the recommended operating current. The
current is permitted to rise until the current-limit threshold is reached or until the thermal limit of the device is
exceeded (see Figure 14). The TPS206x is capable of delivering current up to the current-limit threshold without
damaging the device. Once the threshold has been reached, the device switches into its constant-current mode.
The OCx open-drain output is asserted (active low) when an overcurrent or overtemperature shutdown condition
is encountered after a 10-ms deglitch timeout. The output remains asserted until the overcurrent or
overtemperature condition is removed. Connecting a heavy capacitive load to an enabled device can cause a
momentary overcurrent condition; however, no false reporting on OCx occurs due to the 10-ms deglitch circuit.
The TPS206x is designed to eliminate false overcurrent reporting. The internal overcurrent deglitch eliminates
the need for external components to remove unwanted pulses. OCx is not deglitched when the switch is turned
off due to an overtemperature shutdown.
11


Numéro de pièce similaire - TPS2064DGNRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2064DGNRG4 TI-TPS2064DGNRG4 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2064DGNRG4 TI1-TPS2064DGNRG4 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2064DGNRG4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com