Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THS7353 Fiches technique(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
No de pièce THS7353
Description  3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

THS7353 Fiches technique(HTML) 42 Page - Texas Instruments

Back Button THS7353 Datasheet HTML 38Page - Texas Instruments THS7353 Datasheet HTML 39Page - Texas Instruments THS7353 Datasheet HTML 40Page - Texas Instruments THS7353 Datasheet HTML 41Page - Texas Instruments THS7353 Datasheet HTML 42Page - Texas Instruments THS7353 Datasheet HTML 43Page - Texas Instruments THS7353 Datasheet HTML 44Page - Texas Instruments THS7353 Datasheet HTML 45Page - Texas Instruments THS7353 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
www.ti.com
THS7353
SLOS484 – NOVEMBER 2005
Table 4. Bill Of Materials (continued)
SMD
REFERENCE
PCB
MANUFACTURER'S
DISTRIBUTER'S
ITEM
DESCRIPTION
SIZE
DESIGNATOR
QUANTITY
PART NUMBER(1)
PART NUMBER
R5, R8, R10, R11,
19
RESISTOR, 75 OHM, 1/8W, 1%
0805
R12, R14, R17, R18,
9
(ROHM) MCR10EZHF75.0
(DIGI-KEY) RHM75.0CCT-ND
R22
(ROHM)
20
RESISTOR, 100 OHM, 1/8W, 1%
0805
R50
1
(DIGI-KEY) RHM100CCT-ND
MCR10EZHF1000
(ROHM)
21
RESISTOR, 200 OHM, 1/8W, 1%
0805
R26, R27
2
(DIGI-KEY) RHM200CCT-ND
MCR10EZHF2000
(ROHM)
22
RESISTOR, 649 OHM, 1/8W, 1%
0805
R33, R60
2
(DIGI-KEY) RHM649CCT-ND
MCR10EZHF0649
RESISTOR, 1.0K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
23
0805
R29
1
1%
MCR10EZHF1001
RHM1.00KCCT-ND
RESISTOR, 1.5K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
24
0805
R32
1
1%
MCR10EZHF1501
RHM1.50KCCT-ND
RESISTOR, 2.21K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
25
0805
R34, R35
2
1%
MCR10EZHF2211
RHM2.21KCCT-ND
RESISTOR, 3.09K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
26
0805
R43
1
1%
MCR10EZHF3091
RHM3.09KCCT-ND
RESISTOR, 10K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
27
0805
R24, R25, R40, R42
4
1%
MCR10EZHF1002
RHM10.0KCCT-ND
RESISTOR, 20K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
28
0805
R46
1
1%
MCR10EZHF2002
RHM20.0KCCT-ND
(LITE-ON)
29
LED, GREEN
0805
D1
1
(DIGI-KEY) 160-1423-1-ND
LTST-C171GKT
30
LED, YELLOW
0805
D2
1
(LITE-ON) LTST-C171YKT
(DIGI-KEY) 160-1431-1-ND
31
IC, CONV, SERIAL TO USB
U3
1
(TI) TAS1020BPFB
(DIGI-KEY) TAS1020BPFB
(MICROCHIP)
32
IC, SERIAL, EEPROM, 64K
8-SOIC
U2
1
(DIGI-KEY) 24LC64-I/SN-ND
24LC64-I/SN
(CITIZEN)
33
CRYSTAL, 6.00MHz., SMT
HCM49
X1
1
(DIGI-KEY) 300-6112-1-ND
HCM49-6.000MABJT
(DIGI-KEY)
34
OPEN
SOT-23
U4, U5
2
(ZETEX) ZXMN6A07F
ZXMN6A07FCT-ND
JACK, BANANA RECEPTANCE,
35
J4, J5, J16, J17
4
(SPC) 813
(NEWARK) 39N867
0.25" DIA. HOLE
(DIGI-KEY)
36
SWITCH, SMD GULL WING
4MM
S1
1
(BOURNS) 7914G-1-000E
7914G-000ETR-ND
37
CONNECTOR, RCA, JACK, R/A
J1, J2, J12
3
(CUI) RCJ-32265
(DIGI-KEY) CP-1446-ND
CONNECTOR, USB, RTANG,
38
B
J15
1
(ASSMANN) AU-Y1007
(DIGI-KEY) AE1085-ND
FEMALE
CONNECTOR, BNC, JACK, 75
J3, J6, J7, J8, J9,
(AMPHENOL)
39
9
(NEWARK) 93F7554
OHM
J10, J11, J13, J14
31-5329-72RFX
HEADER, 0.1" CTRS, 0.025" SQ.
40
2 POS.
JP1, JP2, JP3
3
(SULLINS) PZC36SAAN
(DIGI-KEY) S1011-36-ND
PINS
41
SHUNTS
JP1, JP2, JP3
3
(SULLINS) SSC02SYAN
(DIGI-KEY) S9002-ND
TP1, TP2, TP5, TP6,
42
TEST POINT, RED
5
(KEYSTONE) 5000
(DIGI-KEY) 5000K-ND
TP7
43
TEST POINT, BLACK
TP3, TP4
2
(KEYSTONE) 5001
(DIGI-KEY) 5001K-ND
44
IC, THS7353
U1
1
(TI) THS7353PW
STANDOFF, 4-40 HEX, 0.625"
45
4
(KEYSTONE) 1808
(NEWARK) 89F1934
LENGTH
46
SCREW, PHILLIPS, 4-40, .250"
4
(BF) PMS 440 0031 PH
(DIGI-KEY) H343-ND
47
BOARD, PRINTED CIRCUIT
1
EDGE # 6473562 REV. A
42


Numéro de pièce similaire - THS7353

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
THS7353PW TI1-THS7353PW Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353PWG4 TI1-THS7353PWG4 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353PWR TI1-THS7353PWR Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353PWRG4 TI1-THS7353PWRG4 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
More results

Description similaire - THS7353

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7327 TI-THS7327 Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
BCD Semiconductor Manuf...
AA4006 BCDSEMI-AA4006 Datasheet
433Kb / 2P
   2.7W stereo audio power Amplifier with 4 Selectable Gain Setups and Input Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com