Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA90BC0T Fiches technique(PDF) 6 Page - Rohm

No de pièce BA90BC0T
Description  1.0A Low-Dropout Voltage Regulator with Shut down Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA90BC0T Fiches technique(HTML) 6 Page - Rohm

  BA90BC0T Datasheet HTML 1Page - Rohm BA90BC0T Datasheet HTML 2Page - Rohm BA90BC0T Datasheet HTML 3Page - Rohm BA90BC0T Datasheet HTML 4Page - Rohm BA90BC0T Datasheet HTML 5Page - Rohm BA90BC0T Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Contact us
Attached-1
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available,
please contact your nearest sales office.
Please contact our sales offices for details ;
Japan /
(Internal Sales)
(Contact address for overseas customers in Japan)
U.S.A / San Diego
Atlanta
Dallas
TEL : +1(858)625-3630
FAX : +1(858)625-3670
TEL : +1(770)754-5972
FAX : +1(770)754-0691
TEL : +1(972)312-8818
FAX : +1(972)312-0330
Taiwan / Taipei
TEL : +866(2)2500-6956
FAX : +866(2)2503-2869
Korea / Seoul
TEL : +82(2)8182-700
FAX : +82(2)8182-715
Singapore
TEL : +65-6332-2322
FAX : +65-6332-5662
Malaysia / Kuala Lumpur
TEL : +60(3)7958-8355
FAX : +60(3)7958-8377
Philippines / Manila
TEL : +63(2)807-6872
FAX : +63(2)809-1422
Thailand / Bangkok
TEL : +66(2)254-4890
FAX : +66(2)256-6334
Germany / Dusseldorf
TEL : +49(2154)9210
FAX : +49(2154)921400
United Kingdom / London TEL : +44(1)908-282-666
FAX : +44(1)908-282-528
France / Paris
TEL : +33(0)1 56 97 30 60 FAX : +33(0) 1 56 97 30 80
China / Hong Kong
TEL : +852(2)740-6262
FAX : +852(2)375-8971
Shanghai
TEL : +86(21)6279-2727
FAX : +86(21)6247-2066
Dilian
TEL : +86(411)8230-8549
FAX : +86(411)8230-8537
Beijing
TEL : +86(10)8525-2483
FAX : +86(10)8525-2489
As of 18th. April 2005
Tokyo
2-1-1, Yaesu, Chuo-ku, Tokyo 104-0082
TEL : +81(3)5203-0321
FAX : +81(3)5203-0300
Yokohama
TEL : +81(45)476-2131
FAX : +81(45)476-2128
Nagoya
Dainagayo Building 9F 3-28-12, Meieki, Nakamura-ku, Nagoya,Aichi 450-0002
TEL : +81(52)581-8521
FAX : +81(52)561-2173
Kyoto
579-32 Higashi Shiokouji-cho, Karasuma Nishi-iru, Shiokoujidori, Shimogyo-ku,
Kyoto 600-8216
TEL : +81(75)311-2121
FAX : +81(75)314-6559
2-4-8, Shin Yokohama, Kohoku-ku, Yokohama, Kanagawa 222-8575
FAX : +81(045)476-9271
TEL : +81(45)476-9270
Yokohama


Numéro de pièce similaire - BA90BC0T

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA90BC0T ROHM-BA90BC0T Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BA90BC0T ROHM-BA90BC0T Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Description similaire - BA90BC0T

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BAXXBC0WFP ROHM-BAXXBC0WFP Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0WT-V5 ROHM-BAXXBC0WT-V5 Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0FP ROHM-BAXXBC0FP Datasheet
358Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0WT ROHM-BAXXBC0WT Datasheet
370Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA00BC0WFP ROHM-BA00BC0WFP Datasheet
343Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch (Adjustable)
BA00BC0WT-V5 ROHM-BA00BC0WT-V5 Datasheet
348Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch (Adjustable)
BA00DD0WHFP ROHM-BA00DD0WHFP Datasheet
386Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA00JC5WT-V5 ROHM-BA00JC5WT-V5 Datasheet
361Kb / 6P
   1.5A Low-Dropout Voltage Regulator with Shut down Switch
BA00JC5WT ROHM-BA00JC5WT Datasheet
356Kb / 6P
   1.5A Low-Dropout Voltage Regulator with Shut down Switch
BAXXDD0WT ROHM-BAXXDD0WT Datasheet
402Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com