Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBT589LT1G Fiches technique(PDF) 25 Page - ON Semiconductor

No de pièce MMBT589LT1G
Description  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT589LT1G Fiches technique(HTML) 25 Page - ON Semiconductor

Back Button MMBT589LT1G Datasheet HTML 20Page - ON Semiconductor MMBT589LT1G Datasheet HTML 21Page - ON Semiconductor MMBT589LT1G Datasheet HTML 22Page - ON Semiconductor MMBT589LT1G Datasheet HTML 23Page - ON Semiconductor MMBT589LT1G Datasheet HTML 24Page - ON Semiconductor MMBT589LT1G Datasheet HTML 25Page - ON Semiconductor MMBT589LT1G Datasheet HTML 26Page - ON Semiconductor MMBT589LT1G Datasheet HTML 27Page - ON Semiconductor MMBT589LT1G Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
EVBUM2775/D
www.onsemi.com
25
GRAPHICAL USER INTERFACE
Open loop operation (V/F)
In order to facilitate fast evaluation of the power stage, the
user can select open loop operation option within the GUI
menu.
FOC closed loop operation
Modern control drives implement the well−known Field
Oriented Control (FOC) control−strategy; FOC provides
efficient motor−drive for a wide range of motor−speeds, fast
dynamic response, a low harmonic content of currents, and
reduced losses [8−10].
In general, the implementation of FOC requires at least:
1 Timer
4 ADC channels (see Note below)
USART/SPI for communications
Capture/PWM
FOC should achieve:
High control bandwidth
Low current distortion
Control capability at low speeds
Figure 26. Graphical User Interface for Controlling the Motor in the Open Loop
NOTE:
One channel for the voltage level of the VSI H−Bridge, and three channels for the – three – phase currents that flow
towards the motor. However, it is possible to implement the FOC strategy with only three ADC channels (two
channels for current and one channel for the voltage), as we can measure two−phase currents and mathematically
calculate the third one. That implementation requires one shunt−resistor less. Compact IPM, thought, comes
already with three shunt−resistors.


Numéro de pièce similaire - MMBT589LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMBT589LT1G ONSEMI-MMBT589LT1G Datasheet
64Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
January, 2007 ??Rev. 4
MMBT589LT1G ONSEMI-MMBT589LT1G Datasheet
138Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2009 ??Rev. 5
MMBT589LT1G ONSEMI-MMBT589LT1G Datasheet
111Kb / 5P
   High Current Surface Mount PNP Silicon Switching
October, 2016 ??Rev. 7
MMBT589LT1G ONSEMI-MMBT589LT1G Datasheet
2Mb / 26P
   Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
February, 2020 ??Rev. 2
MMBT589LT1G ONSEMI-MMBT589LT1G_09 Datasheet
138Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2009 ??Rev. 5
More results

Description similaire - MMBT589LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
EVBUM2775 ONSEMI-EVBUM2775_V01 Datasheet
2Mb / 27P
   Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1kW
September, 2021 ??Rev. 2
SECO-MDK-4KW-65SPM31-GEVB ONSEMI-SECO-MDK-4KW-65SPM31-GEVB Datasheet
5Mb / 30P
   Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
November, 2020 ??Rev. 0
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com