Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1249A Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SD1249A
Description  Silicon NPN triple diffusion planar type(For low-freauency power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1249A Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SD1249A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1249A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1249, 2SD1249A
Silicon NPN triple diffusion planar type
For low-freauency power amplification
s Features
q
High collector to base voltage VCBO
q
N type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
350
400
250
300
5
1.5
0.75
35
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1249
2SD1249A
2SD1249
2SD1249A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICES
ICEO
IEBO
VCEO
hFE1
*
hFE2
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCE = 350V, VBE = 0
VCE = 400V, VBE = 0
VCE = 150V, IB = 0
VCE = 200V, IB = 0
VEB = 5V, IC = 0
IC = 30mA, IB = 0
VCE = 10V, IC = 0.3A
VCE = 10V, IC = 1A
VCE = 10V, IC = 1A
IC = 1A, IB = 0.2A
VCE = 10V, IC = 0.2A, f = 10MHz
IC = 1A, IB1 = 0.1A, IB2 = – 0.1A,
VCC = 50V
min
250
300
40
10
typ
30
0.5
2
0.5
max
1
1
1
1
1
250
1.5
1
Unit
mA
mA
mA
V
V
V
MHz
µs
µs
µs
2SD1249
2SD1249A
2SD1249
2SD1249A
2SD1249
2SD1249A
*h
FE1 Rank classification
Rank
R
Q
P
hFE1
40 to 90
70 to 150
120 to 250
Unit: mm
1:Base
2:Collector
3:Emitter
N Type Package
8.5
±0.2
6.0
±0.5
1.5max.
0.8
±0.1
5.08
±0.5
2.54
±0.3
1.1max.
0.5max.
1.0
±0.1
3.4
±0.3
2
13
Unit: mm
8.5
±0.2
6.0
±0.3
3.4
±0.3
2.54
±0.3
5.08
±0.5
1.0
±0.1
0.8
±0.1
0 to 0.4
1.1 max.
R0.5
R0.5
123
1:Base
2:Collector
3:Emitter
N Type Package (DS)


Numéro de pièce similaire - 2SD1249A

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SD1249A KEXIN-2SD1249A Datasheet
40Kb / 2P
   Silicon NPN Triple Diffusion Planar Type
More results

Description similaire - 2SD1249A

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1749 PANASONIC-2SD1749 Datasheet
65Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For low-freauency power amplification)
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1480 PANASONIC-2SD1480 Datasheet
46Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2374 PANASONIC-2SD2374 Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com