Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1198 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SD1198
Description  Silicon NPN epitaxial planer type darlington
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1198 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SD1198 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1198 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
PC — Ta
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
Cob — VCB
0
160
40
120
80
140
20
100
60
0
1.2
1.0
0.8
0.6
0.4
0.2
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
0.01
0.1
1
10
003
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=1000
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(A)
0.01
0.1
1
10
003
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=1000
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
10
102
103
104
105
V
CE=10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
1
3
10
30
100
0
24
20
16
12
8
4
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
2SD1198, 2SD1198A


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2SD2018 Silicon NPN epitaxial planar type darlington 1  2  3  Panasonic Semiconductor
UN921MJ Silicon NPN epitaxial planer type 1  2  3  4  5  More Panasonic Semiconductor
2SD1991A Silicon NPN epitaxial planer type 1  2  3  Panasonic Semiconductor
2SD2216 Silicon NPN epitaxial planer type 1  2  Panasonic Semiconductor
MT3S38T TRANSISTOR SILICON NPN EPITAXIAL PLANER TYPE 1  2  3  4  Toshiba Semiconductor
2SD1992A Silicon NPN epitaxial planer type 1  2  3  Panasonic Semiconductor
2SC2405 Silicon NPN epitaxial planer type 1  2  3  Panasonic Semiconductor
2SD2240 Silicon NPN epitaxial planer type 1  2  Panasonic Semiconductor
2SD0602A Silicon NPN epitaxial planer type 1  2  Panasonic Semiconductor
2SD1640 Silicon NPN epitaxial planar darlington type AF output amplifier 1  2  Panasonic Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn