Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1198 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SD1198
Description  Silicon NPN epitaxial planer type darlington
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1198 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SD1198 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1198 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD1198, 2SD1198A
Silicon NPN epitaxial planer type darlington
For low-frequency amplification
s Features
q
Forward current transfer ratio hFE is designed high, which is ap-
propriate to the driver circuit of motors and printer bammer: hFE
= 4000 to 40000.
q
A shunt resistor is omitted from the driver.
q
M type package allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–71
3:Emitter
M Type Mold Package
6.9
±0.1
0.55
±0.1
0.45
±0.05
2.5
±0.1
1.0
1.5
1.5 R0.9
R0.9
0.85
2.5
2.5
1
2
3
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
30
60
25
50
5
1.5
1
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1198
2SD1198A
2SD1198
2SD1198A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Symbol
ICBO
IEBO
VCBO
VCEO
VEBO
hFE
*1
VCE(sat)
VBE(sat)
fT
Conditions
VCB = 25V, IE = 0
VCB = 45V, IE = 0
VEB = 4V, IC = 0
IC = 100µA, IB = 0
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCE = 10V, IC = 1A
*2
IC = 1A, IB = 1mA
*2
IC = 1A, IB = 1mA
*2
VCB = 10V, IE = –50mA, f = 200MHz
min
30
60
25
50
5
4000
typ
150
max
100
100
100
40000
1.8
2.2
Unit
nA
nA
V
V
V
V
V
MHz
Internal Connection
B
C
E
≈200Ω
*1h
FE Rank classification
Rank
Q
R
S
hFE
4000 ~ 10000 8000 ~ 20000 16000 ~ 40000
*2 Pulse measurement
2SD1198
2SD1198A
2SD1198
2SD1198A
2SD1198
2SD1198A
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2SD2018 Silicon NPN epitaxial planar type darlington 1  2  3  Panasonic Semiconductor
UN921MJ Silicon NPN epitaxial planer type 1  2  3  4  5  More Panasonic Semiconductor
2SD1991A Silicon NPN epitaxial planer type 1  2  3  Panasonic Semiconductor
2SD2216 Silicon NPN epitaxial planer type 1  2  Panasonic Semiconductor
MT3S38T TRANSISTOR SILICON NPN EPITAXIAL PLANER TYPE 1  2  3  4  Toshiba Semiconductor
2SD1992A Silicon NPN epitaxial planer type 1  2  3  Panasonic Semiconductor
2SC2405 Silicon NPN epitaxial planer type 1  2  3  Panasonic Semiconductor
2SD2240 Silicon NPN epitaxial planer type 1  2  Panasonic Semiconductor
2SD0602A Silicon NPN epitaxial planer type 1  2  Panasonic Semiconductor
2SD1640 Silicon NPN epitaxial planar darlington type AF output amplifier 1  2  Panasonic Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn