Moteur de recherche de fiches techniques de composants électroniques |
|
TCA0G106K8R Fiches technique(PDF) 3 Page - Rohm |
|
TCA0G106K8R Fiches technique(HTML) 3 Page - Rohm |
3 / 16 page TCFG series Tantalum capacitors 3/15 ! ! ! ! Characteristics Item Performance Test methods / conditions (based on JIS C 5102, 5143) Operating temperature −55˚C ~ +125˚C Max. operating temperature at rated voltage +85˚C Rated voltage (V. DC) 20 16 10 6.3 4 Derated voltage (V. DC) 13 at 125˚C 10 6.3 4 2.5 Surge voltage (V. DC) 26 20 13 8 5.2 Leakage current Less than or equal to the larger of 0.5 µA or 0.01CV. Details are given in Table 1, "Standard Product List". Measured value 60s after application of rated voltage. Capacitance range 1.0 ~ 100 µF Measured frequency: 120 ± 12Hz Measured voltage: 0.5Vrms + 1.5V. DC Measured circuit: equivalent series circuit Measured frequency: 120 ± 12Hz Measured voltage: 0.5Vrms + 1.5V. DC Measured circuit: equivalent series circuit Measured frequency: 100 ± 10Hz Measured voltage: 0.5Vrms max. Measured circuit: equivalent series circuit tan δ Direct immersion into solder bath (320 ± 5˚C) Open function operation 320˚C for 20s or less P case A case B case 3.3 µF to 47µF : 0.06 max. 68 µF to 100µF : 0.08 max. 1 µF max.: 0.04 max. 1.5 µF to 22µF : 0.06 max. 33 µF to 47µF : 0.08 max. 1 µF to 4.7µF : 0.08 max. 6.8 µF to 15µF : 0.10 max. Direct immersion into solder bath Solder bath temperature: 260 ± 5˚C Immersion time: 5s Immersion cycles: 1 time Impedance Resistance to solder heat 27.5 Ω max. P case 20.0 Ω max. A case 15.0 Ω max. B case No noticeable irregularities, and the markings must be easy to read. Appearance A B case within ± 5% P case within ± 10% ∆C / C P case 1.5 times or less or initial specified tolerance. A B case must satisfy the initial specified value. P case 1.5 times or less or initial specified tolerance. A B case must satisfy the initial specified value. P case 1.5 times or less or initial specified tolerance. A B case must satisfy the initial specified value. tan δ Must satisfy the initial specified value. L.C The four cycles in the table below are repeated five times in succession. Temperature Time Temperature cycle No noticeable irregularities, and the markings must be easy to read. Appearance P case within ± 10% A B case within ± 5% ∆C / C tan δ Must satisfy the initial specified value. P case = Within 150% of initial limit. L.C Measured after being left for 500 ± 12hrs. at 60 ± 2˚C and 90 to 95% RH, then 1 to 2 hrs. at normal room temperature and humidity. Resistance to humidity (steady state) No noticeable irregularities, and the markings must be easy to read. Appearance P case within ± 20% A B case within ± 10% ∆C / C tan δ Must satisfy the initial specified value. L.C 1 2 3 4 −55 ± 3˚C Room temperature 125 ± 2˚C Room temperature 30 ± 3mins. 3mins. max. 30 ± 3mins. 3mins. max. |
Numéro de pièce similaire - TCA0G106K8R |
|
Description similaire - TCA0G106K8R |