Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCFGP1A106K8R Fiches technique(PDF) 3 Page - Rohm

No de pièce TCFGP1A106K8R
Description  Chip tantalum capacitors with open-function built-in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1A106K8R Fiches technique(HTML) 3 Page - Rohm

  TCFGP1A106K8R Datasheet HTML 1Page - Rohm TCFGP1A106K8R Datasheet HTML 2Page - Rohm TCFGP1A106K8R Datasheet HTML 3Page - Rohm TCFGP1A106K8R Datasheet HTML 4Page - Rohm TCFGP1A106K8R Datasheet HTML 5Page - Rohm TCFGP1A106K8R Datasheet HTML 6Page - Rohm TCFGP1A106K8R Datasheet HTML 7Page - Rohm TCFGP1A106K8R Datasheet HTML 8Page - Rohm TCFGP1A106K8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TCFG series
Tantalum capacitors
3/15
!
!
!
!
Characteristics
Item
Performance
Test methods / conditions
(based on JIS C 5102, 5143)
Operating temperature
−55˚C ~ +125˚C
Max. operating temperature
at rated voltage
+85˚C
Rated voltage (V. DC)
20
16
10
6.3
4
Derated voltage (V. DC)
13
at 125˚C
10
6.3
4
2.5
Surge voltage (V. DC)
26
20
13
8
5.2
Leakage current
Less than or equal to the larger of 0.5
µA or
0.01CV. Details are given in Table 1,
"Standard Product List".
Measured value 60s after application
of rated voltage.
Capacitance range
1.0 ~ 100
µF
Measured frequency: 120
± 12Hz
Measured voltage: 0.5Vrms + 1.5V. DC
Measured circuit: equivalent series
circuit
Measured frequency: 120
± 12Hz
Measured voltage: 0.5Vrms + 1.5V. DC
Measured circuit: equivalent series
circuit
Measured frequency: 100
± 10Hz
Measured voltage: 0.5Vrms max.
Measured circuit: equivalent series
circuit
tan
δ
Direct immersion into solder bath
(320
± 5˚C)
Open function
operation
320˚C for 20s or less
P case
A case
B case
3.3
µF to 47µF : 0.06 max.
68
µF to 100µF : 0.08 max.
1
µF max.: 0.04 max.
1.5
µF to 22µF : 0.06 max.
33
µF to 47µF : 0.08 max.
1
µF to 4.7µF : 0.08 max.
6.8
µF to 15µF : 0.10 max.
Direct immersion into solder bath
Solder bath temperature: 260
± 5˚C
Immersion time: 5s
Immersion cycles: 1 time
Impedance
Resistance to
solder heat
27.5
Ω max.
P case
20.0
Ω max.
A case
15.0
Ω max.
B case
No noticeable irregularities, and the
markings must be easy to read.
Appearance
A B case within
± 5%
P case within
± 10%
∆C / C
P case 1.5 times or less or initial specified tolerance.
A B case must satisfy the initial specified value.
P case 1.5 times or less or initial specified tolerance.
A B case must satisfy the initial specified value.
P case 1.5 times or less or initial specified tolerance.
A B case must satisfy the initial specified value.
tan
δ
Must satisfy the initial specified value.
L.C
The four cycles in the table below are
repeated five times in succession.
Temperature
Time
Temperature
cycle
No noticeable irregularities, and the
markings must be easy to read.
Appearance
P case within
± 10%
A B case within
± 5%
∆C / C
tan
δ
Must satisfy the initial specified value.
P case = Within 150% of initial limit.
L.C
Measured after being left for 500
± 12hrs. at 60 ± 2˚C and 90 to 95%
RH, then 1 to 2 hrs. at normal room
temperature and humidity.
Resistance to
humidity
(steady state)
No noticeable irregularities, and the
markings must be easy to read.
Appearance
P case within
± 20%
A B case within
± 10%
∆C / C
tan
δ
Must satisfy the initial specified value.
L.C
1
2
3
4
−55 ± 3˚C
Room temperature
125
± 2˚C
Room temperature
30
± 3mins.
3mins. max.
30
± 3mins.
3mins. max.


Numéro de pièce similaire - TCFGP1A106K8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCFGP1A106K8R ROHM-TCFGP1A106K8R Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFGP1A106K8R ROHM-TCFGP1A106K8R Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
More results

Description similaire - TCFGP1A106K8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_P ROHM-TCFG_P Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com