Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1010 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SD1010
Description  Silicon NPN epitaxial planer type(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1010 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SD1010 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1010 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD1010
PC — Ta
IC — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
NV — IC
NV — VCE
0
160
40
120
80
140
20
100
60
0
500
400
300
200
100
Ambient temperature Ta (˚C)
012
10
8
26
4
0
160
120
40
100
140
80
20
60
Ta=25˚C
20
µA
30
µA
40
µA
50
µA
60
µA
70
µA
80
µA
90
µA
10
µA
I
B=100µA
Collector to emitter voltage V
CE
(V)
02.0
1.6
0.4
1.2
0.8
0
120
100
80
60
40
20
V
CE=10V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
0.1
1
10
100
0.3
3
30
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(mA)
0.1
1
10
100
0.3
3
30
0
1800
1500
1200
900
600
300
V
CE=10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
250
200
150
100
50
V
CB=10V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
8
6
2
5
7
4
1
3
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
0.01
0.03
0.1
0.3
1
0
100
80
60
40
20
V
CE=10V
G
V=80dB
Function=FLAT
Ta=25˚C
5k
R
g=100kΩ
22k
Collector current I
C
(mA)
1
3
10
30
100
0
100
80
60
40
20
I
C=1mA
G
V=80dB
Function=FLAT
Ta=25˚C
5k
R
g=100kΩ
22k
Collector to emitter voltage V
CE
(V)


Numéro de pièce similaire - 2SD1010

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1011 PANASONIC-2SD1011 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type For low-frequency amplification
logo
Sanyo Semicon Device
2SD1012 SANYO-2SD1012 Datasheet
115Kb / 4P
   Low-Voltage Large-Current Amp Applications
logo
ON Semiconductor
2SD1012 ONSEMI-2SD1012 Datasheet
723Kb / 10P
   Bipolar Transistor
September, 2013
2SD1012F-SPA ONSEMI-2SD1012F-SPA Datasheet
723Kb / 10P
   Bipolar Transistor
September, 2013
2SD1012F-SPA-AC ONSEMI-2SD1012F-SPA-AC Datasheet
723Kb / 10P
   Bipolar Transistor
September, 2013
More results

Description similaire - 2SD1010

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1199 PANASONIC-2SD1199 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC3311A PANASONIC-2SC3311A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1424 PANASONIC-2SD1424 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1823 PANASONIC-2SD1823 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD2357 PANASONIC-2SD2357 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD2359 PANASONIC-2SD2359 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1011 PANASONIC-2SD1011 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type For low-frequency amplification
2SD1450 PANASONIC-2SD1450 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com