Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADN2807ACP Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADN2807ACP
Description  155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN2807ACP Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADN2807ACP Datasheet HTML 4Page - Analog Devices ADN2807ACP Datasheet HTML 5Page - Analog Devices ADN2807ACP Datasheet HTML 6Page - Analog Devices ADN2807ACP Datasheet HTML 7Page - Analog Devices ADN2807ACP Datasheet HTML 8Page - Analog Devices ADN2807ACP Datasheet HTML 9Page - Analog Devices ADN2807ACP Datasheet HTML 10Page - Analog Devices ADN2807ACP Datasheet HTML 11Page - Analog Devices ADN2807ACP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADN2807
Rev. A | Page 8 of 20
DEFINITION OF TERMS
MAXIMUM, MINIMUM, AND TYPICAL
SPECIFICATIONS
Specifications for every parameter are derived from statistical
analyses of data taken on multiple devices from multiple wafer
lots. Typical specifications are the mean of the distribution of
the data for that parameter. If a parameter has a maximum (or a
minimum) value, that value is calculated by adding to (or
subtracting from) the mean six times the standard deviation of
the distribution. This procedure is intended to tolerate pro-
duction variations. If the mean shifts by 1.5 standard deviations,
the remaining 4.5 standard deviations still provide a failure rate
of only 3.4 parts per million. For all tested parameters, the test
limits are guardbanded to account for tester variation, and
therefore guarantee that no device is shipped outside of data
sheet specifications.
INPUT SENSITIVITY AND INPUT OVERDRIVE
Sensitivity and overdrive specifications for the quantizer involve
offset voltage, gain, and noise. The relationship between the
logic output of the quantizer and the analog voltage input is
shown in Figure 8. For sufficiently large positive input voltage,
the output is always Logic 1; similarly for negative inputs, the
output is always Logic 0. However, the transitions between
output Logic Levels 1 and 0 are not at precisely defined input
voltage levels, but occur over a range of input voltages. Within
this zone of confusion, the output may be either 1 or 0, or it may
even fail to attain a valid logic state. The width of this zone is
determined by the input voltage noise of the quantizer. The
center of the zone of confusion is the quantizer input offset
voltage. Input overdrive is the magnitude of signal required to
guarantee a correct logic level with a 1 × 10–10 confidence level.
0
1
INPUT (V p-p)
OUTPUT
NOISE
SENSITIVITY
(2
× OVERDRIVE)
OFFSET
OVERDRIVE
Figure 8. Input Sensitivity and Input Overdrive
SINGLE-ENDED VS. DIFFERENTIAL
AC coupling is typically used to drive the inputs to the
quantizer. The inputs are internally dc-biased to a common-
mode potential of ~0.6 V. Driving the ADN2807 single-ended
and observing the quantizer input with an oscilloscope probe at
the point indicated in Figure 9 shows a binary signal with
average value equal to the common-mode potential and
instantaneous values both above and below the average value. It
is convenient to measure the peak-to-peak amplitude of this
signal and call the minimum required value the quantizer
sensitivity. Referring to Figure 8, since both positive and
negative offsets need to be accommodated, the sensitivity is
twice the overdrive.
50
50
QUANTIZER
+
ADN2807
VREF
PIN
SCOPE
PROBE
VREF
10mV p-p
Figure 9. Single-Ended Sensitivity Measurement
50
50
QUANTIZER
+
ADN2807
VREF
NIN
PIN
SCOPE
PROBE
VREF
5mV p-p
Figure 10. Differential Sensitivity Measurement
Driving the ADN2807 differentially (Figure 10), sensitivity
seems to improve by observing the quantizer input with an
oscilloscope probe. This is an illusion caused by the use of a
single-ended probe. A 5 mV p-p signal appears to drive the
ADN2807 quantizer. However, the single-ended probe measures
only half the signal. The true quantizer input signal is twice this
value since the other quantizer input is complementary to the
signal being observed.


Numéro de pièce similaire - ADN2807ACP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
More results

Description similaire - ADN2807ACP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
   622 Mb/s Clock & Data Recovery
logo
Analog Devices
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com