Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX-3V-SM3 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce CX-3V-SM3
Description  18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CX-3V-SM3 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  CX-3V-SM3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX-3V-SM3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10104 - Rev A
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
18 kHz to 600 kHz
Functional Mode
Tuning Fork (Flexure)
Calibration Tolerance*
A, B or C
(see below)
Motional Resistance (R1)
See Figure 1
MAX.: 18-25 kHz, 2x Typ.
25-600 kHz, 2.5x Typ.
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
Min. is 0.25x Typ.
Shunt Capacitance (C0)
1.8 pF MAX.
Drive Level
18-25 kHz 0.5
W MAX.
25-600 kHz 1.0
W MAX.
Turning Point (To)**
Figure 4
Temperature Coefficient (k) -0.035 ppm/
0C2
Aging, first year
5ppm MAX.
Shock***
1,500g peak, 0.3 msec., 1/2 sine
Vibration, survival***
10g rms, 20-2,000 Hz random
Operating Temperature
-10
OC to +70OC Commercial
-40
OC to +85OC Industrial
-55
OC to +125OC Military
Storage Temperature
-55
OC to +125OC
Max Process Temperature
260
OC for 20 sec.
* Tighter frequency calibration available.
** Other turning point available.
*** Higher shock and vibration available.
CX-3V Crystal Calibration Tolerance at 25OC
Frequency Range (kHz)
Calibration 18-74.9
75-169.9
170-249.9
250-600
A
0.003%
0.005%
0.01%
0.02%
B
0.01%
0.01%
0.02%
0.05%
C
0.1%
0.1%
0.2%
0.5%
*** Other calibration values available, consult factory.
Load Capacitance (CL), Used to Calibrate CX-3V
(other CL available)
Frequency Load
Frequency
Load
Range
Capacitance
Range
Capacitance
(kHz)
(pF)
(kHz)
(pF)
18-24.9
10
100.1-179.9
5
25-54.9
9
180-600
4
55-100.0
8
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
HOW TO ORDER CX-3V-SM CRYSTALS
CX-3V
-SM1
32.768 kHz
(
A
/
I
)
“S” if special
SM1 Frequency
Calibration
Temp. Range:
or custom
SM2
Tolerance*
C = Commercial
design.
SM3
@ 25
0C
I = Industrial
Blank if Std.
(A)
M = Military
(B)
S = Specify
(C)
*Other calibration fill in ppm.
Blank = Glass Lid
C=Ceramic Lid
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Nickel, Solder Plated
SM3
Nickel, Solder Plated and Solder Dipped
PACKAGING
CX-3V-SM - Tray Pack (Standard)
-16mm tape, 7” or 13” reels (Optional)
Per EIA 481 (see data sheet 10109)
300
200
100
50
20
10
5
2
18
50
100
200
600
Frequency (kHz)
300
200
100
50
20
18
50
100
200
600
Frequency (kHz)
18
50
100
200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
FIGURE 1
CX-3V TYPICAL MOTIONAL RESISTANCE (R
1)
FIGURE 2
CX-3V TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX-3V TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX-3V TYPICAL TURNING POINT TEMP. (T
0)
5
2
1.0
0.5
18
50
100
200
600
Frequency (kHz)
Note: Frequency (f) deviation from frequency (fo) @ turning point
= k(T-T )
O
2
f-f
f
O
O


Numéro de pièce similaire - CX-3V-SM3

FabricantNo de pièceFiches techniqueDescription
logo
EUROQUARTZ limited
CX-3V-SM332.768A EUROQUARTZ-CX-3V-SM332.768A Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM332.768B EUROQUARTZ-CX-3V-SM332.768B Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM332.768C EUROQUARTZ-CX-3V-SM332.768C Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
More results

Description similaire - CX-3V-SM3

FabricantNo de pièceFiches techniqueDescription
logo
RSG Electronic Componen...
CX3VSM RSG-CX3VSM Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX-1V-03 RSG-CX-1V-03 Datasheet
89Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX-2V STATEK-CX-2V Datasheet
123Kb / 2P
   order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
CX1HSM RSG-CX1HSM Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX3HSM RSG-CX3HSM Datasheet
473Kb / 2P
   18 kHz to 600 kHz Low Profile Surface Mount Quartz Crystal for Series Oscillators
CX-1H-03 RSG-CX-1H-03 Datasheet
84Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
logo
STATEK CORPORATION
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com