Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCFGA0G336M Fiches technique(PDF) 11 Page - Rohm

No de pièce TCFGA0G336M
Description  Chip tantalum capacitors with open-function built-in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TCFGA0G336M Fiches technique(HTML) 11 Page - Rohm

Back Button TCFGA0G336M Datasheet HTML 7Page - Rohm TCFGA0G336M Datasheet HTML 8Page - Rohm TCFGA0G336M Datasheet HTML 9Page - Rohm TCFGA0G336M Datasheet HTML 10Page - Rohm TCFGA0G336M Datasheet HTML 11Page - Rohm TCFGA0G336M Datasheet HTML 12Page - Rohm TCFGA0G336M Datasheet HTML 13Page - Rohm TCFGA0G336M Datasheet HTML 14Page - Rohm TCFGA0G336M Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TCFG series
Tantalum capacitors
11/15
(3) Derating voltage as function of temperature
50
60
70
80
90
100
75
85
95
105
115
125
TEMPERATURE
(
°C)
Fig.5
85
°C
125
°C
Rated Voltage
4
6.3
10
16
20
5.2
8
13
20
26
2.5
4
6.3
10
13
3.4
5
9
12
16
Surge Voltage
Category Voltage
Surge Voltage
(V.DC)
(V.DC)
(V.DC)
(V.DC)
(4) Reliability
The malfunction rate of tantalum solid state electrolytic capacitors varies considerably depending on the conditions of
usage (ambient temperature, applied voltage, circuit resistance).
Formula for calculating malfunction rate
λp = λb × (πE × πSR × πQ × πCV)
λp : Malfunction rate stemming from operation
λb : Basic malfunction rate
πE : Environmental factors
πSR : Series resistance
πQ : Level of malfunction rate
πCV : Capacitance
For details on how to calculate the malfunction rate stemming from operation, see the tantalum solid state electrolytic
capacitors column in MIL-HDBK-217.
Malfunction rate as function of operating
Malfunction rate as function of circuit resistance (
Ω/V)
temperature and rated voltage
0.01
0.02
0.03
0.06
0.1
0.2
0.3
0.5
1.0
Ratio =
Rated Voltage
Applied Voltage
1.0
0.7
0.5
0.3
0.1
20
40
60
85
OPERATING TEMPERATURE
(
°C)
Fig.6
0.4
0.6
0.8
1.0
2.0
4.0
6.0
0.1
0.2
0.6
0.4
3.0
1.0
2.0
RESISTANCE OF CIRCUIT
(
Ω / V)
Fig.7


Numéro de pièce similaire - TCFGA0G336M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCFGA0G336M8R ROHM-TCFGA0G336M8R Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGA0G336M8R ROHM-TCFGA0G336M8R Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGA0G336M8R ROHM-TCFGA0G336M8R Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Description similaire - TCFGA0G336M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_P ROHM-TCFG_P Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com