Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCOA0G156M Fiches technique(PDF) 4 Page - Rohm

No de pièce TCOA0G156M
Description  Chip tantalum capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TCOA0G156M Fiches technique(HTML) 4 Page - Rohm

  TCOA0G156M Datasheet HTML 1Page - Rohm TCOA0G156M Datasheet HTML 2Page - Rohm TCOA0G156M Datasheet HTML 3Page - Rohm TCOA0G156M Datasheet HTML 4Page - Rohm TCOA0G156M Datasheet HTML 5Page - Rohm TCOA0G156M Datasheet HTML 6Page - Rohm TCOA0G156M Datasheet HTML 7Page - Rohm TCOA0G156M Datasheet HTML 8Page - Rohm TCOA0G156M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TCO series
Tantalum capacitors
4/9
∆C / C
L.C
∆C / C
∆C / C
L.C
L.C
∆C / C
L.C
Within 0/
−20% of initial value
+30% / −20%
55 C
+105 C
∆C / C
L.C
Item
Performance
Test conditions
(based on JIS C 5101
−1 and JIS C 5101−3)
Temperature
cycle
Appearance
Appearance
There should be no significant abnormality.
Less than 500% of initial limit
Within 20% of intial value
+−
Temp.
Time
1
2
3
4
−55 3 C
Room temp.
105 2 C
Room temp.
30 3min
3min.or less
30 3min
3min.or less
+−
+−
+−
+−
After leaving the sample under such atmospheric
condition that the temperature and humidity are
60 2 C and 90 to 95% RH,respectiveiy,for 500 12h
leave it at room
temperature for 1 to 2h and then measure the
sample.
Less than 150% of initial limit
Less than 150% of initial limit
Less than 150% of initial limit
Moisture
resistance
Temperature
Stebility
Shall be satisfied the voltage on " Standard list "
Df
(tan
δ)
Df
(tan
δ)
Df
(tan
δ)
Df
(tan
δ)
Df
(tan
δ)
Less than 1CV
Surge
voltage
Appearance There should be no significant avnormality.
+−
+−
+−
Apply the spesified sergevoltage every 5 0.5 min.
for 30 5 s. each time in the atmospheric condition
of 85 2 C.
Repeat this rocedure 1,000 times.
Less than initial limit
+−
Within 20% of initial value
Less than initial limit
Temp.
Temp.
Within
+50/0% of initial value
Shall be satisfied the voltage on " Standard list "
Repetition : 5 cycles
(1 cycle : steps 1 to 4) without discontinuation.
There should be no significant abnormality.
The indications should be


Numéro de pièce similaire - TCOA0G156M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCOA0G156M8R ROHM-TCOA0G156M8R Datasheet
136Kb / 6P
   Chip tantalum capacitors
More results

Description similaire - TCOA0G156M

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com