Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD67891MUV Fiches technique(PDF) 9 Page - Rohm

No de pièce BD67891MUV
Description  For 3-phase DC Brushless Motor Level Shifter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD67891MUV Fiches technique(HTML) 9 Page - Rohm

Back Button BD67891MUV Datasheet HTML 5Page - Rohm BD67891MUV Datasheet HTML 6Page - Rohm BD67891MUV Datasheet HTML 7Page - Rohm BD67891MUV Datasheet HTML 8Page - Rohm BD67891MUV Datasheet HTML 9Page - Rohm BD67891MUV Datasheet HTML 10Page - Rohm BD67891MUV Datasheet HTML 11Page - Rohm BD67891MUV Datasheet HTML 12Page - Rohm BD67891MUV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/15
TSZ02201-0S2S0CE00250-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
21.Dec.2020 Rev.001
BD67891MUV
www.rohm.com
TSZ22111 • 15 • 001
24 V
OUT
VREGH
90 %
10 %
tfH
trH
VREGL
OUT
0 V
90 %
10 %
trL
tfL
Rise/Fall times
Parameter
Symbol
Limit
Unit
Condition
Min
Typ
Max
Driver block
<High side FET driver> (UHOUT, VHOUT, WHOUT)
Output transition time 1
trH
-
60
200
ns
load = 1000 pF//3.8 MΩ
Output transition time 2
tfH
-
80
200
ns
<Low side FET driver> (ULOUT, VLOUT, WLOUT)
Output transition time 1
trL
-
70
200
ns
load = 1000 pF//3.8 MΩ
Output transition time 2
tfL
-
70
200
ns
Lengthen the times by connecting external CR circuits as shown below.
xHOUT
IC
xLOUT
Regulator
V
MM
R2
R1
C1
C2
Protection Circuits
1
Thermal Shutdown (TSD)
A thermal shutdown circuit is built in for protection against overheating. When the chip temperature rises 175 °C (Typ)
or more, the output of pre-driver is controlled as the external FETs turns OFF. Normal operation automatically resumes
once the temperature decreases to 150 °C (Typ) or less. Note that if heat is externally added damage may occur, even
if TSD is in operation.
2
Under Voltage Lock Out (UVLO)
This IC has a built-in under voltage lock out function to prevent false operation such as IC output during power supply
under voltage. When the applied voltage to the VMM pin goes to 15 V (Typ) or less, the output of pre-driver is
controlled as the external FETs turn OFF. This switching voltage has 1 V (Typ) hysteresis to prevent false operation by
noise etc. Be aware that this circuit does not operate during power save mode.


Numéro de pièce similaire - BD67891MUV

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BD678 MOTOROLA-BD678 Datasheet
110Kb / 4P
   Plastic Medium-Power Silicon PNP Darlingtons
logo
Comset Semiconductor
BD678 COMSET-BD678 Datasheet
76Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
STMicroelectronics
BD678 STMICROELECTRONICS-BD678 Datasheet
87Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BD678 STMICROELECTRONICS-BD678 Datasheet
382Kb / 12P
   Complementary power Darlington transistors
logo
Siemens Semiconductor G...
BD678 SIEMENS-BD678 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
More results

Description similaire - BD67891MUV

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IR3230S IRF-IR3230S Datasheet
451Kb / 22P
   3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
STMicroelectronics
L6235PD013TR STMICROELECTRONICS-L6235PD013TR Datasheet
690Kb / 35P
   DMOS driver for 3-phase brushless DC motor
March 2014 Rev 2
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
   3-Phase Brushless DC Motor Controller
Rev. D, 05-Apr-99
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
   3-Phase Brushless DC Motor Controller
01-Jan-2022
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
   3-Phase Brushless DC Motor Controller
Rev. E, 21-Jun-04
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
logo
PADAUK Technology.
MF520 PADAUK-MF520 Datasheet
619Kb / 12P
   3-Phase Brushless DC Motor Controller
MF616 PADAUK-MF616 Datasheet
511Kb / 11P
   3-Phase Brushless DC Motor Controller
DF329 PADAUK-DF329 Datasheet
744Kb / 17P
   3-Phase Brushless DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com