Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BD63731EFV Datasheet(Fiches technique) 8 Page - Rohm

Numéro de pièce BD63731EFV
Description  36 V High-performance, High-reliability Withstand Voltage Stepping Motor Driver
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD63731EFV Datasheet(HTML) 8 Page - Rohm

Back Button BD63731EFV Datenblatt HTML 4Page - Rohm BD63731EFV Datenblatt HTML 5Page - Rohm BD63731EFV Datenblatt HTML 6Page - Rohm BD63731EFV Datenblatt HTML 7Page - Rohm BD63731EFV Datasheet HTML 8Page - Rohm BD63731EFV Datenblatt HTML 9Page - Rohm BD63731EFV Datenblatt HTML 10Page - Rohm BD63731EFV Datenblatt HTML 11Page - Rohm BD63731EFV Datenblatt HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8/28
BD63731EFV
TSZ02201-0P1P0C702140-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
21.Jun.2019 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
Thermal Resistance
(Note 5)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s
(Note 7)
2s2p
(Note 8)
HTSSOP-B28
Junction to Ambient
θJA
107.0
25.1
°C/W
Junction to Top Characterization Parameter
(Note 6)
ΨJT
6
3
°C/W
(Note 5) Based on JESD51-2A (Still-Air).
(Note 6) The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 7) Using a PCB board based on JESD51-3.
(Note 8) Using a PCB board based on JESD51-5, 7.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3 mm x 76.2 mm x 1.57 mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70
μm
Layer Number of
Measurement Board
Material
Board Size
Thermal Via
(Note 9)
Pitch
Diameter
4 Layers
FR-4
114.3 mm x 76.2 mm x 1.6 mmt
1.20 mm
Φ0.30 mm
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70
μm
74.2 mm x 74.2 mm
35
μm
74.2 mm x 74.2 mm
70
μm
(Note 9) This thermal via connects with the copper pattern of all layers.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn