Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BD63731EFV Datasheet(Fiches technique) 26 Page - Rohm

Numéro de pièce BD63731EFV
Description  36 V High-performance, High-reliability Withstand Voltage Stepping Motor Driver
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD63731EFV Datasheet(HTML) 26 Page - Rohm

Back Button BD63731EFV Datenblatt HTML 22Page - Rohm BD63731EFV Datenblatt HTML 23Page - Rohm BD63731EFV Datenblatt HTML 24Page - Rohm BD63731EFV Datenblatt HTML 25Page - Rohm BD63731EFV Datasheet HTML 26Page - Rohm BD63731EFV Datenblatt HTML 27Page - Rohm BD63731EFV Datenblatt HTML 28Page - Rohm BD63731EFV Datenblatt HTML 29Page - Rohm BD63731EFV Datenblatt HTML 30Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
26/28
BD63731EFV
TSZ02201-0P1P0C702140-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
21.Jun.2019 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
Ordering Information
B
D
6
3
7
3
1
E
F
V
-
E 2
ROHM Model
Package type
EFV: HTSSOP-B28
Packing, Forming specification
E2: Reel-wound embossed taping
Marking Diagram
HTSSOP-B28 (TOP VIEW)
BD63731EFV
Part Number Marking
LOT Number
Pin 1 Mark


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn