Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BD63731EFV Fiches technique(PDF) 22 Page - Rohm

No de pièce BD63731EFV
Description  36 V High-performance, High-reliability Withstand Voltage Stepping Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD63731EFV Fiches technique(HTML) 22 Page - Rohm

Back Button BD63731EFV Datasheet HTML 18Page - Rohm BD63731EFV Datasheet HTML 19Page - Rohm BD63731EFV Datasheet HTML 20Page - Rohm BD63731EFV Datasheet HTML 21Page - Rohm BD63731EFV Datasheet HTML 22Page - Rohm BD63731EFV Datasheet HTML 23Page - Rohm BD63731EFV Datasheet HTML 24Page - Rohm BD63731EFV Datasheet HTML 25Page - Rohm BD63731EFV Datasheet HTML 26Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
22/28
BD63731EFV
TSZ02201-0P1P0C702140-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
21.Jun.2019 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
OUT1A
VCC1
OUT1B
RNF1
4 bit DAC
RNF1S
RNF2S
VREF
TEST
CLK
MODE0
CW_CCW
MODE1
TSD
OCP
UVLO
OVLO
RESET
13
Blank time
PWM control
OSC
Mix decay
control
Translator
15
16
18
19
17
Regulator
7
5
2
3
OUT2A
VCC2
OUT2B
RNF2
22
24
27
26
12
10
CR
MTH
GND
9
PS
14
GND
1
ENABLE 20
RNF2S
25
RNF1S
4
0.2
Ω
39 k
Ω
0.2
Ω
1000 pF
0.1 µF
100 µF
MODE2 11
M
M
Application Example
Power save pin.
Refer to P.3 for detail.
Logic input pin.
Refer to P.3 for detail.
Bypass capacitor.
Setting range is
100
μF to 470 μF (electrolytic)
0.01
μF to 0.1 μF (multilayer ceramic etc.)
Refer to P.4 for detail.
Be sure to short VCC1 and VCC2.
Resistor for current detection.
Setting range is
0.1
Ω to 0.2 Ω.
Refer to P.4 for detail.
Resistor for current detection.
Setting range is
0.1
Ω to 0.2 Ω.
Refer to P.4 for detail.
Set the output current.
Input by resistor division.
Refer to P.5 for detail.
Set the chopping frequency.
Setting range is
C:470 pF to 1500 pF
R:10 k
Ω to 200 kΩ
Refer to P.5, 10 for detail.
Set the current decay mode.
1) SLOW DECAY
=>Connect to GND.
2) MIX DECAY/AUTO DECAY
=>Input by resistor division.
Refer to P.5, 12 for detail.
Test pin.
Applied upon connecting with GND
Refer to P.5 for detail


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn