Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BD63731EFV Datasheet(Fiches technique) 18 Page - Rohm

Numéro de pièce BD63731EFV
Description  36 V High-performance, High-reliability Withstand Voltage Stepping Motor Driver
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD63731EFV Datasheet(HTML) 18 Page - Rohm

Back Button BD63731EFV Datenblatt HTML 14Page - Rohm BD63731EFV Datenblatt HTML 15Page - Rohm BD63731EFV Datenblatt HTML 16Page - Rohm BD63731EFV Datenblatt HTML 17Page - Rohm BD63731EFV Datasheet HTML 18Page - Rohm BD63731EFV Datenblatt HTML 19Page - Rohm BD63731EFV Datenblatt HTML 20Page - Rohm BD63731EFV Datenblatt HTML 21Page - Rohm BD63731EFV Datenblatt HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18/28
BD63731EFV
TSZ02201-0P1P0C702140-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
21.Jun.2019 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
Translator Circuit - continued
8
Reset Timing Chart (QUARTER STEP A, MODE0=H, MODE1=H, MODE2=L, CW_CCW=L, ENABLE=H)
To reset the translator circuit during motor operation regardless of the other input signals, enter the PS pin input to L.
At this time, IC internal circuit enters the standby mode, and makes the motor output OPEN.
9
CW_CCW Switch Timing Chart (FULL STEP A, MODE0=L, MODE1=L, MODE2=L, ENABLE=H)
The switch of CW_CCW is reflected by the rising edge of CLK that comes immediately after CW_CCW signal has
changed. However, depending on the state of operation of the motor at the time of switching, the motor cannot follow
even if the control on driver IC corresponds. There are possibilities of step-out and mistake step in motor, so evaluate
the sequence of the switch enough.
100 %
-100 %
100 %
-100 %
100 %
67 %
33 %
-33 %
-67 %
-100 %
100 %
67 %
33 %
-33 %
-67 %
-100 %
CW
CCW
CW_CCW
IOUT(CH1)
IOUT(CH2)
OUT2B
PS
CLK
OUT1A
OUT1B
OUT2A
RESET
IOUT(CH1)
IOUT(CH2)
OUT2B
PS
CLK
OUT1A
OUT1B
OUT2A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn