Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BD63731EFV Datasheet(Fiches technique) 17 Page - Rohm

Numéro de pièce BD63731EFV
Description  36 V High-performance, High-reliability Withstand Voltage Stepping Motor Driver
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD63731EFV Datasheet(HTML) 17 Page - Rohm

Back Button BD63731EFV Datenblatt HTML 13Page - Rohm BD63731EFV Datenblatt HTML 14Page - Rohm BD63731EFV Datenblatt HTML 15Page - Rohm BD63731EFV Datenblatt HTML 16Page - Rohm BD63731EFV Datasheet HTML 17Page - Rohm BD63731EFV Datenblatt HTML 18Page - Rohm BD63731EFV Datenblatt HTML 19Page - Rohm BD63731EFV Datenblatt HTML 20Page - Rohm BD63731EFV Datenblatt HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17/28
BD63731EFV
TSZ02201-0P1P0C702140-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
21.Jun.2019 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
Translator Circuit - continued
7
Step sequence table (MODE2=H, CW_CCW=L, initial electrical angle = step angle 45°)
FULL STEP B
QUARTER STEP B
1/8 STEP
1/16 STEP
CH1 CURRENT[%]
CH2 CURRENT[%]
STEP ANGLE[°]
1
1
1
100.00
0.00
0.0
2
99.52
9.80
5.6
2
3
98.08
19.51
11.3
4
95.69
29.03
16.9
2
3
5
92.39
38.27
22.5
6
88.19
47.14
28.1
4
7
83.15
55.56
33.8
Initial
8
77.30
63.44
39.4
electrical angle →
1
3
5
9
70.71
70.71
45.0
10
63.44
77.30
50.6
6
11
55.56
83.15
56.3
12
47.14
88.19
61.9
4
7
13
38.27
92.39
67.5
14
29.03
95.69
73.1
8
15
19.51
98.08
78.8
16
9.80
99.52
84.4
5
9
17
0.00
100.00
90.0
18
-9.80
99.52
95.6
10
19
-19.51
98.08
101.3
20
-29.03
95.69
106.9
6
11
21
-38.27
92.39
112.5
22
-47.14
88.19
118.1
12
23
-55.56
83.15
123.8
24
-63.44
77.30
129.4
2
7
13
25
-70.71
70.71
135.0
26
-77.30
63.44
140.6
14
27
-83.15
55.56
146.3
28
-88.19
47.14
151.9
8
15
29
-92.39
38.27
157.5
30
-95.69
29.03
163.1
16
31
-98.08
19.51
168.8
32
-99.52
9.80
174.4
9
17
33
-100.00
0.00
180.0
34
-99.52
-9.80
185.6
18
35
-98.08
-19.51
191.3
36
-95.69
-29.03
196.9
10
19
37
-92.39
-38.27
202.5
38
-88.19
-47.14
208.1
20
39
-83.15
-55.56
213.8
40
-77.30
-63.44
219.4
3
11
21
41
-70.71
-70.71
225.0
42
-63.44
-77.30
230.6
22
43
-55.56
-83.15
236.3
44
-47.14
-88.19
241.9
12
23
45
-38.27
-92.39
247.5
46
-29.03
-95.69
253.1
24
47
-19.51
-98.08
258.8
48
-9.80
-99.52
264.4
13
25
49
0.00
-100.00
270.0
50
9.80
-99.52
275.6
26
51
19.51
-98.08
281.3
52
29.03
-95.69
286.9
14
27
53
38.27
-92.39
292.5
54
47.14
-88.19
298.1
28
55
55.56
-83.15
303.8
56
63.44
-77.30
309.4
4
15
29
57
70.71
-70.71
315.0
58
77.30
-63.44
320.6
30
59
83.15
-55.56
326.3
60
88.19
-47.14
331.9
16
31
61
92.39
-38.27
337.5
62
95.69
-29.03
343.1
32
63
98.08
-19.51
348.8
64
99.52
-9.80
354.4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn