Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BD63731EFV Datasheet(Fiches technique) 13 Page - Rohm

Numéro de pièce BD63731EFV
Description  36 V High-performance, High-reliability Withstand Voltage Stepping Motor Driver
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD63731EFV Datasheet(HTML) 13 Page - Rohm

Back Button BD63731EFV Datenblatt HTML 9Page - Rohm BD63731EFV Datenblatt HTML 10Page - Rohm BD63731EFV Datenblatt HTML 11Page - Rohm BD63731EFV Datenblatt HTML 12Page - Rohm BD63731EFV Datasheet HTML 13Page - Rohm BD63731EFV Datenblatt HTML 14Page - Rohm BD63731EFV Datenblatt HTML 15Page - Rohm BD63731EFV Datenblatt HTML 16Page - Rohm BD63731EFV Datenblatt HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13/28
BD63731EFV
TSZ02201-0P1P0C702140-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
21.Jun.2019 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
Output Current
CR Voltage
0.4 V
GND
Current Detection Value
0 A
1.0 V
SLOW 
DECAY
 FAST 
DECAY
t1
t2
t3
Chopping Period
MTH Voltage
tCHOP
4
Current Decay Mode - continued
Figure 4. CR Pin Voltage and Output Current during MIX DECAY
Output Current
CR Voltage
0.4 V
GND
Current Detection Value
0 A
1.0 V
SLOW 
DECAY
 FAST 
DECAY
Chopping Period
tONMIN
Minimun ON Time
tCHOP
Figure 5. CR Pin Voltage and Output Current during AUTO DECAY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn