Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BD63731EFV Datasheet(Fiches technique) 9 Page - Rohm

Numéro de pièce BD63731EFV
Description  36 V High-performance, High-reliability Withstand Voltage Stepping Motor Driver
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD63731EFV Datasheet(HTML) 9 Page - Rohm

Back Button BD63731EFV Datenblatt HTML 5Page - Rohm BD63731EFV Datenblatt HTML 6Page - Rohm BD63731EFV Datenblatt HTML 7Page - Rohm BD63731EFV Datenblatt HTML 8Page - Rohm BD63731EFV Datasheet HTML 9Page - Rohm BD63731EFV Datenblatt HTML 10Page - Rohm BD63731EFV Datenblatt HTML 11Page - Rohm BD63731EFV Datenblatt HTML 12Page - Rohm BD63731EFV Datenblatt HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9/28
BD63731EFV
TSZ02201-0P1P0C702140-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
21.Jun.2019 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
Electrical Characteristics (Unless otherwise specified Ta=25 °C, VCC1=VCC2=24 V)
Item
Symbol
Specification
Unit
Condition
Min
Typ
Max
[Whole]
Circuit Current at Standby
ICCST
-
0
10
μA
PS=L
Circuit Current
ICC
-
2.0
5.0
mA
PS=H, VREF=3 V
[Control Logic Input
(Note 1)]
H-level Input Voltage
VINH
2.0
-
-
V
L-level Input Voltage
VINL
-
-
0.8
V
H-level Input Current
IINH
35
50
100
μA
VIN=5 V
L-level Input Current
IINL
-10
0
-
μA
VIN=0 V
[Output
(Note 2)]
Output ON Resistance
RON
-
0.280
0.392
Ω
IOUT =±2.5 A
(Sum of upper and lower)
Output Leak Current
ILEAK
-
-
10
μA
[Current Control]
RNFXS
(Note 3) Input Current
IRNFS
-2.0
-0.1
-
μA
RNFXS=0 V
RNFX
(Note 3) Input Current
IRNF
-80
-40
-
μA
RNFX=0 V
VREF Input Current
IVREF
-2.0
-0.1
-
μA
VREF=0 V
VREF Input Voltage Range
VVREF
0
-
3.0
V
MTH H Input Current
IMTH_H
35
50
100
μA
MTH=5 V
MTH L Input Current
IMTH_L
-2.0
-0.1
-
μA
MTH=0 V
MTH Input Voltage Range
VMTH
0
-
3.5
V
Minimum ON Time
(Cancel time)
tONMIN
0.3
0.7
1.5
μs
C=1000 pF, R=39 kΩ
Comparator Threshold
VCTH
0.579
0.600
0.621
V
VREF=3 V
(Note 1) Control Logic Input=CLK, CW_CCW, MODE0, MODE1, MODE2, ENABLE, PS
(Note 2) Output=OUT1A, OUT1B, OUT2A, OUT2B
(Note 3) x=1 or 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn