Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD9P105MUF-CE2 Fiches technique(PDF) 48 Page - Rohm

No de pièce BD9P105MUF-CE2
Description  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD9P105MUF-CE2 Fiches technique(HTML) 48 Page - Rohm

Back Button BD9P105MUF-CE2 Datasheet HTML 44Page - Rohm BD9P105MUF-CE2 Datasheet HTML 45Page - Rohm BD9P105MUF-CE2 Datasheet HTML 46Page - Rohm BD9P105MUF-CE2 Datasheet HTML 47Page - Rohm BD9P105MUF-CE2 Datasheet HTML 48Page - Rohm BD9P105MUF-CE2 Datasheet HTML 49Page - Rohm BD9P105MUF-CE2 Datasheet HTML 50Page - Rohm BD9P105MUF-CE2 Datasheet HTML 51Page - Rohm BD9P105MUF-CE2 Datasheet HTML 52Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
48/57
© 2019 ROHM Co., Ltd. All rights reserved.
28.Apr.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9P1x5MUF-C Series
TSZ02201-0J1J0AL01500-1-2
PCB Layout Design
PCB layout design for DC/DC converter power supply IC is as important as the circuit design. Appropriate layout can avoid
various problems caused by power supply circuit. Figure 89 (a) to Figure 89 (c) figure the current path in a buck converter
circuit. The Loop1 in Figure 89 (a) is a current path when High Side Switch is ON and Low Side Switch is OFF, the Loop2 in
Figure 89 (b) is when High Side Switch is OFF and Low Side Switch is ON. The thick line in Figure 89 (c) shows the
difference between Loop1 and Loop2. The current in thick line changes sharply each time the switching element High Side
Switch and Low Side Switch change from OFF to ON, and vice versa. These sharp changes induce several harmonics in the
waveform. Therefore, the loop area of thick line that is consisted by input capacitor and IC should be as small as possible to
minimize noise. For more detail, refer to application note of switching regulator series “PCB Layout Techniques of Buck
Converter”.
CIN
High Side Switch
COUT
VOUT
L
VIN
Loop1
Low Side Switch
GND
GND
Figure 89 (a). Current Path when High Side Switch = ON, Low Side Switch = OFF
CIN
COUT
VOUT
L
VIN
Loop2
High Side Switch
Low Side Switch
GND
GND
Figure 89 (b). Current Path when High Side Switch = OFF, Low Side Switch = ON
CIN High Side FET
COUT
VOUT
L
VIN
GND
GND
Low Side FET
Figure 89 (c). Difference of Current and Critical Area in Layout


Numéro de pièce similaire - BD9P105MUF-CE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

Description similaire - BD9P105MUF-CE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD9P1X5EFV-C ROHM-BD9P1X5EFV-C Datasheet
3Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com