Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD9P105MUF-CE2 Fiches technique(PDF) 41 Page - Rohm

No de pièce BD9P105MUF-CE2
Description  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD9P105MUF-CE2 Fiches technique(HTML) 41 Page - Rohm

Back Button BD9P105MUF-CE2 Datasheet HTML 37Page - Rohm BD9P105MUF-CE2 Datasheet HTML 38Page - Rohm BD9P105MUF-CE2 Datasheet HTML 39Page - Rohm BD9P105MUF-CE2 Datasheet HTML 40Page - Rohm BD9P105MUF-CE2 Datasheet HTML 41Page - Rohm BD9P105MUF-CE2 Datasheet HTML 42Page - Rohm BD9P105MUF-CE2 Datasheet HTML 43Page - Rohm BD9P105MUF-CE2 Datasheet HTML 44Page - Rohm BD9P105MUF-CE2 Datasheet HTML 45Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
41/57
© 2019 ROHM Co., Ltd. All rights reserved.
28.Apr.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9P1x5MUF-C Series
TSZ02201-0J1J0AL01500-1-2
Application Examples 2 - continued
(Ta = 25 °C)
Figure 67. Load Response 1
Figure 68. Load Response 2
(VIN = 12 V, VMODE = 5 V, IOUT = 0 A to 1 A)
(VIN = 12 V, VMODE = 0 V, IOUT = 0 A to 1 A)
Figure 69. Line Response 1
Figure 70. Line Response 2
(VIN = 16 V to 8 V, IOUT = 1 A)
(VIN = 16 V to 3.5 V, IOUT = 1 A)
Time (1 ms/div)
IOUT (0.5 A/div)
offset 3.3 V
VOUT (100 mV/div)
Time (1 ms/div)
IOUT (0.5 A/div)
offset 3.3 V
VOUT (100 mV/div)
Time (200 µs/div)
VIN (5 V/div)
offset 3.3 V
VOUT (100 mV/div)
Time (200 µs/div)
VIN (2 V/div)
VOUT (2 V/div)


Numéro de pièce similaire - BD9P105MUF-CE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

Description similaire - BD9P105MUF-CE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD9P1X5EFV-C ROHM-BD9P1X5EFV-C Datasheet
3Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com