Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM1800-434MN Fiches technique(PDF) 4 Page - RF Monolithics, Inc

No de pièce DM1800-434MN
Description  433.92 MHz Transceiver Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFM [RF Monolithics, Inc]
Site Internet  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DM1800-434MN Fiches technique(HTML) 4 Page - RF Monolithics, Inc

  DM1800-434MN Datasheet HTML 1Page - RF Monolithics, Inc DM1800-434MN Datasheet HTML 2Page - RF Monolithics, Inc DM1800-434MN Datasheet HTML 3Page - RF Monolithics, Inc DM1800-434MN Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
GN D
VI N
VO U T
BI ND
DI G I T A L I N
A N A L O G IN
D I GI T A L OU T
S E RI AL R X
GN D
S E RI AL T X
RF I O
GN D
GN D
D M 1800- 434M N I / O P ad L ab el s
Figure 2
.0 9 5
.0 8 0
1. 535
D M 1 8 0 0 - 4 3 4 M N S M T M ount i ng P a t t e r n
D i men si o n s i n i n c h es. P C B p l u s c o mp o n e n t h ei g h t i s . 170 max;
P C B pl us a nt e n na h e i ght i s 2 . 1 5 ma x
Figure 3
Note: Specifications subject to change without notice.
file: dm1800nj.vp, 2005.11.11 rev


Numéro de pièce similaire - DM1800-434MN

FabricantNo de pièceFiches techniqueDescription
logo
RF Monolithics, Inc
DM1800-434MB RFM-DM1800-434MB Datasheet
328Kb / 4P
   433.92 MHz Transceiver Module
DM1800-434MR RFM-DM1800-434MR Datasheet
339Kb / 4P
   433.92 MHz Transceiver Module
More results

Description similaire - DM1800-434MN

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DR7000 MURATA-DR7000 Datasheet
400Kb / 7P
   433.92 MHz Transceiver Module
logo
RF Monolithics, Inc
DR3100-1 RFM-DR3100-1 Datasheet
206Kb / 5P
   433.92 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3100 MURATA-DR3100 Datasheet
433Kb / 5P
   433.92 MHz Transceiver Module
logo
RF Monolithics, Inc
DR3100 RFM-DR3100 Datasheet
208Kb / 5P
   433.92 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3100-1 MURATA-DR3100-1 Datasheet
432Kb / 5P
   433.92 MHz Transceiver Module
logo
RF Monolithics, Inc
DM1800-434MB RFM-DM1800-434MB Datasheet
328Kb / 4P
   433.92 MHz Transceiver Module
DM1800-434MR RFM-DM1800-434MR Datasheet
339Kb / 4P
   433.92 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR7000-EV MURATA-DR7000-EV Datasheet
202Kb / 8P
   433.92 MHz Transceiver Evaluation Module
TR3100 MURATA-TR3100 Datasheet
408Kb / 12P
   433.92 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR3100 RFM-TR3100 Datasheet
107Kb / 12P
   433.92 MHz Hybrid Transceiver
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com