Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM02B-BHSS-1-TB Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce SM02B-BHSS-1-TB
Description  Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SM02B-BHSS-1-TB Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  SM02B-BHSS-1-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM02B-BHSS-1-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM02B-BHSS-1-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
105
1.5(.059)
1.3
(.051)
8.05(.317)
4.75(.187)
0.9
(.035)
Material and Finish
Model No.
Applicable wire
mm2
AWG#
Insulation O.D. mm(in.)
Q'ty / reel
Phosphor bronze, tin-plated
SBHS-002T-P0.5
0.08 to 0.22
28 to 24
10,000
0.9 to 1.7(.035 to .067)
Contact––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
3.2(.126)
2.4(.094)
7.5(.295)
3.5(.138)
2.0(.079)
Material
Nyron 66, UL94V-0, natural (white)
Circuits
Q'ty / bag
Model No.
2
1,000
BHSR-02VS-1
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
H JST
3.5(.138)
7.5(.295)
1.5(.059)
1.5(.059)
8.7(.343)
10.5(.413)
Material and Finish
Post: Brass, copper-undercoated, tin/lead-plated
Wafer: Polyamide resin, UL-94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin/lead-plated
Circuits
Q'ty / reel
Model No.
2
1,000
SM02B-BHSS-1-TB
Shrouded header –––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Feeding direction
Feeding direction
2.0
±0.5(.079±.020)
[13.0(.512)dia.]
Cover tape leader area
Carrier tape
Connector
loaded area
400(15.748)min.
Carrier tape
Cover tape
+.098
-.004
(.689
)
+2.5
-1.0
17.5
4.0
±0.1
(.157
±.004)
16.0
±0.1
(.630
±.004)
2.0
±0.1
(.079
±.004)
1.55
±0.05
(.061
±.002)dia.
0.3
±0.05(.012±.002)
Tail tape
(Unloaded area)
40.0(1.575)min.
Lead tape
(Unloaded area)
20 vacancies min.
Taping specifications ––––––––––––––––––––––––––––––––––––––––––––––––––––––
Note: The products listed above are supplied on embossed tape.
Note:
1. Specifications conform to JIS C 0806. The tape width, connector recess dimensions,
etc. are determined by the number of circuits and external shape of the connector to be loaded.
2. Specifications are subject to change without prior notice.
BHS CONNECTOR


Numéro de pièce similaire - SM02B-BHSS-1-TB

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
SM02B-BHTS-B-TB ETC1-SM02B-BHTS-B-TB Datasheet
48Kb / 3P
   Disconnectable Crimp style connectors
More results

Description similaire - SM02B-BHSS-1-TB

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com