Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LF-301K Datasheet(Fiches technique) 1 Page - Rohm

Numéro de pièce LF-301K
Description  Single Digit Surface Mount LED Numeric Display
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LF-301K Datasheet(HTML) 1 Page - Rohm

  LF-301K Datasheet HTML 1Page - Rohm LF-301K Datenblatt HTML 2Page - Rohm LF-301K Datenblatt HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LF-301 A / K Series
LED displays
Rev.A
1/2
Single Digit Surface Mount LED Numeric Display
LF-301 A / K Series
LF-301 A / K series of Single Digit Surface Mount LED
Numeric Display which the height of a letter 8mm have
ROHM original structure that realizes re-flow soldering.
Features
1) Re-flow soldering
2) Pb-free availabe
3) Automatic mounting with taping pack
∗Number of re-flow process shall be recommend
1 time by our re-flow condition.
External dimensions (Unit : mm)
Tolerance are
±0.3 unless otherwise noted:
10˚
6.8
10-0.4
PIN No.6
Pin No.10
PIN No.5
Pin No.1
0.2
φ0.8
4
1
02
2.5
5
±0.5
P1.27
×4=5.08
Selection guide
Anode
Cathode
Emitting color
Common
Red
LF-301VA
LF-301VK
LF-301MA
LF-301MK
Green
Pin assignments
Pin No.
a
g
d
f
b
ec
D.P
+
+
10
1
+
+
9
2
+
+
8
3
+
+
7
4
+
+
6
5
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Segment "e"
Segment "d"
Common
Segment "c"
D.P
Segment "b"
Segment "a"
Common
Segment "f"
Segment "g"
Equivalent circuit (anode common)
(cathode common)
8 3
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5
PIN No.
Segment
Common
8 3
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5
PIN No.
Segment
Common


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn