Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-401MD Datasheet(Fiches technique) 1 Page - Rohm

Numéro de pièce LA-401MD
Description  Single Digit LED Numeric Display
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LA-401MD Datasheet(HTML) 1 Page - Rohm

  LA-401MD Datasheet HTML 1Page - Rohm LA-401MD Datenblatt HTML 2Page - Rohm LA-401MD Datenblatt HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LA-401 D / N Series
LED displays
Rev.B
1/2
Single Digit LED Numeric Display
LA-401 D / N Series
LA-401 D / N series is developed because of the
demand for small single digit LED Numeric Display.
Materials of emission are GaAsP on GaP, AlGalnP GaP
and GaN. This is the height of a letter 10.16mm, single
digit LED Numeric Display that is packed by EPOXY
resin.
Features
1) The height of a letter is 10.16mm.
2) Dimension is 9.6
×13.0×7.0mm.
3) The package of surface color is black. Color of
segment is colored in emitting color. (Blue color is only
milky white)
4) Each color has anode common and cathode common
respectively.
External dimensions (Unit : mm)
10˚
φ1.0
0.25
(7.62)
5.57
9.6
1.0
Tolerance are
±0.2 unless otherwise noted:
Selection guide
Anode
Cathode
Emitting color
Common
Red
LA-401VD
LA-401VN
Red
High brightness
LA-401AD
LA-401AN
Orange
High brightness
LA-401ED
LA-401EN
Yellow
High brightness
LA-401XD
LA-401XN
Green
LA-401MD
LA-401MN
Blue
LA-401BD
LA-401BN
Pin assignments
Pin No.
1
+
2
+
3
+
4
+
5
10
9
8
7
6
+
+
+
+
+
+
a
g
d
f
b
ec
D.P
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Common
Segment "f"
Segment "g"
Segment "e"
Segment "d"
Common
D.P
Segment "c"
Segment "b"
Segment "a"
Equivalent circuit (anode common)
(cathode common)
COM
1,6
a
10
b
9
c
8
d
5
e
4
f
2
g
3
D.P
7
COM
1,6
a
10
b
9
c
8
d
5
e
4
f
2
g
3
D.P
7


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn