Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-401XD Datasheet(Fiches technique) 2 Page - Rohm

Numéro de pièce LA-401XD
Description  Single Digit LED Numeric Display
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LA-401XD Datasheet(HTML) 2 Page - Rohm

  LA-401XD Datenblatt HTML 1Page - Rohm LA-401XD Datasheet HTML 2Page - Rohm LA-401XD Datenblatt HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LA-401 D / N Series
LED displays
Rev.B
2/2
Absolute maximum ratings (Ta=25
C)
Parameter
Red
LA-401VD / VN
Unit
mW
mW
mA
mA
V
?C
?C
320
40
15
60
5
Red
High brightness
Yellow
High brightness
LA-401AD / AN
520
65
25
50
5
Orange
High brightness
LA-401ED / EN
520
65
25
50
5
LA-401XD / XN
520
65
25
50
5
LA-401MD / MN
480
60
20
60
5
LA-401BD / BN
336
42
10
50
5
PD
PD / seg
IF
IFP
VR
Topr
Tstg
?25 to +75
?30 to +85
Peak forward current
Operating temperature
Storage temperature
Symbol
?1 Pulse width 1ms Duty 1 / 5
?2 Pulse width 0.1ms Duty 1 / 10
?1
?2
?2
?2
?1
?2
Power dissipation
Power dissipation
Forward current
Reverse voltage
Green
Blue
Electrical characteristics (Ta=25
C)
Parameter
Red
Typ.
Unit
V
A
nm
nm
2.0
?
650
40
Max.
2.8
100
?
?
VF
IR
?P
??
Peak wavelength
Spectral line half width
Symbol
IF
=10mA
VR
=3V
IF
=10mA
IF
=10mA
Conditions
Typ.
2.05
?
626
18
Max.
2.6
100
?
?
Typ.
2.05
?
610
17
Max.
2.6
100
?
?
Typ.
2.05
?
589
15
Max.
2.6
100
?
?
Typ.
2.1
?
563
40
Max.
2.8
100
?
?
Typ.
3.6
?
470
26
Max.
4.2
100
?
?
?
?
?
?
?
?
??
?
?
?
?
Reverse current
The products are not radiations resistant.
?Shows the number on the condition of IF=20mA.
Forward voltage
Red
High brightness
Yellow
High brightness
Orange
High brightness
Green
Blue
Luminous intensity
?P (nm)
Unit
Color
650
Type
LA
?401VD
Min.
5.6
Typ.
16
mcd
626
LA
?401AD
36
90
mcd
610
LA
?401ED
36
90
mcd
589
LA
?401XD
36
90
mcd
563
LA
?401MD
5.6
16
mcd
470
LA
?401BD
LA
?401VN
LA
?401AN
LA
?401EN
LA
?401XN
LA
?401MN
LA
?401BN
14
56
mcd
A condition of measurement is IF
=10mA.
Red
High
brightness red
High
brightness orange
High
brightness yellow
Green
Blue


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn