Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8588BJ Fiches technique(PDF) 24 Page - NXP Semiconductors

No de pièce TDA8588BJ
Description  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8588BJ Fiches technique(HTML) 24 Page - NXP Semiconductors

Back Button TDA8588BJ Datasheet HTML 20Page - NXP Semiconductors TDA8588BJ Datasheet HTML 21Page - NXP Semiconductors TDA8588BJ Datasheet HTML 22Page - NXP Semiconductors TDA8588BJ Datasheet HTML 23Page - NXP Semiconductors TDA8588BJ Datasheet HTML 24Page - NXP Semiconductors TDA8588BJ Datasheet HTML 25Page - NXP Semiconductors TDA8588BJ Datasheet HTML 26Page - NXP Semiconductors TDA8588BJ Datasheet HTML 27Page - NXP Semiconductors TDA8588BJ Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
2004 Feb 24
24
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
Voltage regulator section
Tamb =25 °C; VP = 14.4 V; measured in the test circuit Fig.26; unless otherwise specified.
αcs
channel separation (crosstalk)
f=1Hzto10 kHz; Rsource = 600 Ω
50
60
dB
Po = 4 W; f = 1 kHz
80
dB
SVRR
supply voltage ripple rejection
f = 100 Hz to 10 kHz;
Rsource = 600 Ω
55
70
dB
CMRR
common mode ripple rejection
amplifier mode;
Vcommon = 0.3 V (p-p);
f = 1 kHz to 3 kHz; Rsource =0 Ω
40
70
dB
Vcm(max)(rms)
maximum common mode voltage
level (rms value)
f=1kHz
−−
0.6
V
Vn(o)(LN)
noise output voltage in line driver
mode
filter 20 Hz to 22 kHz;
Rsource = 600 Ω
25
35
µV
Vn(o)(amp)
noise output voltage in amplifier
mode
filter 20 Hz to 22 kHz;
Rsource = 600 Ω
50
70
µV
Gv(amp)
voltage gain in amplifier mode
single-ended in to differential out
25
26
27
dB
Gv(LN)
voltage gain in line driver mode
single-ended in to differential out
19
20
21
dB
Zi
input impedance
CIN = 220 nF
55
70
k
αmute
mute attenuation
VO(on)/VO(mute)
80
90
dB
Vo(mute)
output voltage mute
VIN = 1 V (RMS)
70
−µV
Bp
power bandwidth
−1 dB; THD=1%
20
kHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
regulator 1, 3, 4 and 5 on
10.0
14.4
18
V
regulator 2
switched on
4
−−
V
in regulation
6.3
50
V
overvoltage for shut-down
18.1
22
V
Iq(tot)
total quiescent supply
current
standby mode; note 1
150
190
µA
Reset output (push-pull stage, pin RST)
VREG2(th)(r)
rising threshold voltage
of regulator 2
VP is rising;
IO(REG2) =50mA
VO(REG2)
− 0.2
VO(REG2)
− 0.1
VO(REG2)
− 0.04
V
VREG2(th)(f)
falling threshold voltage
of regulator 2
VP is falling;
IO(REG2) =50mA
VO(REG2)
− 0.25
VO(REG2)
− 0.15
VO(REG2)
− 0.1
V
Isink(L)
LOW-level sink current
VRST ≤ 0.8 V
1
−−
mA
Isource(H)
HIGH-level source
current
VRST =VO(REG2) − 0.5 V;
VP = 14.4 V
200
600
−µA
tr
rise time
note 2
250
µs
tf
fall time
note 2
10
50
µs
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA8588BJ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8589AJ PHILIPS-TDA8589AJ Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

Description similaire - TDA8588BJ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
STMicroelectronics
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
   4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
May 2011
logo
NXP Semiconductors
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
logo
STMicroelectronics
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
   4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
September 2014 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com