Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM06B-SRSS-XX Datasheet(Fiches technique) 3 Page - List of Unclassifed Manufacturers

Numéro de pièce SM06B-SRSS-XX
Description  Disconnectable Insulation displacement connectors
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SM06B-SRSS-XX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SM06B-SRSS-XX Datenblatt HTML 1Page - List of Unclassifed Manufacturers SM06B-SRSS-XX Datenblatt HTML 2Page - List of Unclassifed Manufacturers SM06B-SRSS-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
225
13.0(.512)dia.
Carrier tape
Feeding direction
Cover tape leader area
Tail tape
(Unloaded area)
40(1.575) min.
Connector
loaded area
Lead tape
(Unloaded area)
20 vacancies min.
400(15.748) min.
Feeding direction
(W1
+.098
-.039
W1
+2.5
-1.0
)
2.0
± 0.5
(.079
± .002)
8.0
± 0.1
(.315
± .004)
0.38
± 0.05
(.015
± .002)
3.25
(.128)
4.0
± 0.1
(.157
± .004)
2.0
± 0.1
(.079
± .004)
Feeding direction
Carrier tape
Cover tape
1.55
± 0.05
(.061
± .002)dia.
Cover tape
12
±0.1
(.315
±.004)
0.38
±0.05
(.015
±.002)
4.55
(.179)
4.0
±0.1
(.157
±.004)
2.0
±0.1
(.079
±.004)
Feeding direction
Carrier tape
1.55
±0.05
(.061
±.002)dia.
Taping specifications ––––––––––––––––––––––––––––––––––––––––––––––––––––––
Side entry type
Cir-
cuits
Top
entry
type
Side
entry
type
2 to 3
4
5 to 7
8
9 to 14
Q'ty / reel
Top
entry
type
Side
entry
type
Top
entry
type
Side
entry
type
Top
entry
type
Side
entry
type
Top
entry
type
Side
entry
type
Taping dimensions mm(in.)
FS
W
W1
Reel dimensions mm(in.)
5.5(.217)
7.5(.295)
7.5(.295)
11.5(.453)
11.5(.453)
5.5(.217)
5.5(.217)
7.5(.295)
7.5(.295)
11.5(.453)
4.75(.187)
6.75(.266)
6.75(.266)
10.75(.423)
10.75(.423)
4.75(.187)
4.75(.187)
6.75(.266)
6.75(.266)
10.75(.423)
12(.472)
16(.630)
16(.630)
24(.945)
24(.945)
12(.472)
12(.472)
16(.630)
16(.630)
24(.945)
13.5(.531)
17.5(.689)
17.5(.689)
25.5(1.004)
25.5(1.004)
13.5(.531)
13.5(.531)
17.5(.689)
17.5(.689)
25.5(1.004)
1,500
1,500
1,500
1,500
1,500
3,000
3,000
3,000
3,000
3,000
Top entry type
SR CONNECTOR
Note:
1. Specifications conform to JIS C 0806. The tape width, connector recess hole dimensions, etc. are determined by the number of circuits and external shape of
the connector to be loaded.
2. Specifications are subject to change without prior notice.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn