Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM07B-SRSS-XX Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce SM07B-SRSS-XX
Description  Disconnectable Insulation displacement connectors
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SM07B-SRSS-XX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM07B-SRSS-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers SM07B-SRSS-XX Datenblatt HTML 2Page - List of Unclassifed Manufacturers SM07B-SRSS-XX Datenblatt HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
223
Features ––––––––––––––––––––––––
• Ultra-compact insulation displacement
connector
1.0mm (.039") pitch and only 3.0mm (.118") high (side entry
type). This connector is only about 61% as large as the
smallest conventional (JST) IDC designs.
• Header designed for vacuum pick and place
robotics
Although this shrouded header has locking features for its
mating receptacle, there are no holes in the header shroud
that would adversely effect vacuum grippig equipment. Since
there is enough flat surface for secure vacuum gripping, this
miniature surface mount connector is versatile for designers
and economic for manufacturing.
• Twin U-slot insulation displacement section
The insulation displacement section connected to each wire
consists of two tin-plated slots (twin U-slots), which ensures
reliable connection.
• 3-point grip construction
The 3-point insulation grip feature and the strain relief ensure a
firm grip on terminated wires and protection of the insulation
displacement connection from possible damage.
Specifications –––––––––––––––––––
• Current rating:
0.7A DC
• Voltage rating:
50V DC
• Temperature range: -25˚C to +85˚C(including temperature rise
in applying electrical current)
• Contact resistance: Initial value/20m
Ω max.
After environmental testing/40m
Ω max.
• Insulation resistance:
100M
Ω min.
• Withstanding voltage:
500V AC/minute
• Applicable wire: AWG #30
Conductor/7 strands,
tin-coated annealed copper
Insulation O.D./0.56mm (.022")
* Contact JST for details.
Standards ––––––––––––––––––––––
0RecognizedE60389
1CertifiedLR20812
SR CONNECTOR
Disconnectable Insulation displacement connectors
1.0mm
(.039") pitch
IDC
Emboss Tape


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn