Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC4208A Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SC4208A
Description  Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4208A Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SC4208A Datasheet HTML 1Page - Panasonic Semiconductor 2SC4208A Datasheet HTML 2Page - Panasonic Semiconductor 2SC4208A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transistor
2SC4208, 2SC4208A
PC — Ta
IC — VCE
IC — IB
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
VCER — RBE
0
160
40
120
80
140
20
100
60
0
1.2
1.0
0.8
0.6
0.4
0.2
Ambient temperature Ta (˚C)
020
16
412
8
0
800
600
200
500
700
400
100
300
Ta=25˚C
IB=10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
Collector to emitter voltage V
CE
(V)
010
8
26
4
0
800
600
200
500
700
400
100
300
V
CE=10V
Ta=25˚C
Base current I
B
(mA)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=75˚C
–25˚C
25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0
300
250
200
150
100
50
V
CE=10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
–1
–3
–10
–30
–100
0
240
200
160
120
80
40
V
CB=10V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
12
10
8
6
4
2
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
1
10
100
1000
3
30
300
0
120
100
80
60
40
20
I
C=2mA
Ta=25˚C
2SA4208A
2SA4208
Base to emitter resistance R
BE
(k
Ω)


Numéro de pièce similaire - 2SC4208A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SC4200 TOSHIBA-2SC4200 Datasheet
226Kb / 3P
   NPN EPITAXIAL TYPE (VIDEO DRIVER FOR SUPER HIGH RESOLUTION DISPLAY HIGH SPEED SWITCHING APPLICATIONS)
2SC4203 TOSHIBA-2SC4203 Datasheet
193Kb / 3P
   EPITAXIAL PLANAR TYPE (VIDEO OUTPUT FOR HIGH DEFINITION VDT HIGH SPEED SWITCHING APPLICATIONS)
logo
Sanyo Semicon Device
2SC4204 SANYO-2SC4204 Datasheet
90Kb / 3P
   High-hFE, AF Amp Applications??????????
logo
Rohm
2SC4205 ROHM-2SC4205 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Inchange Semiconductor ...
2SC4205 ISC-2SC4205 Datasheet
56Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - 2SC4208A

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SC3940 PANASONIC-2SC3940 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SC1317 PANASONIC-2SC1317 Datasheet
67Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD1994A PANASONIC-2SD1994A Datasheet
69Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD592 PANASONIC-2SD592 Datasheet
46Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC3939 PANASONIC-2SC3939 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC4606 PANASONIC-2SC4606 Datasheet
48Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com