Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC3973 Fiches technique(PDF) 3 Page - Panasonic Semiconductor

No de pièce 2SC3973
Description  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3973 Fiches technique(HTML) 3 Page - Panasonic Semiconductor

  2SC3973 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3973 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3973 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistors
2SC3973, 2SC3973A
Area of safe operation, reverse bias ASO
Reverse bias ASO measuring circuit
Rth(t) —t
10–4
10
10–3
10–1
10–2
1103
102
104
0.1
1
10
100
10000
1000
Note: R
th was measured at Ta=25˚C and under natural convection.
(1) P
T=10V × 0.2A (2W) and without heat sink
(2) P
T=10V × 1.0A (10W) and with a 100 × 100 × 2mm Al heat sink
(1)
(2)
Time t (s)
0
800
200
600
400
700
100
500
300
0
8
6
2
5
7
4
1
3
L
coil=30µH
I
C/IB=5
(I
B1=–IB2)
T
C≤100˚C
I
C
Collector to emitter voltage V
CE
(V)
L coil
I
C
I
B1
V
in
t
W
–I
B2
Vclamp
V
CC
T.U.T


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn