Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APL1086 Fiches technique(PDF) 11 Page - Anpec Electronics Coropration

No de pièce APL1086
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1086 Fiches technique(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL1086 Datasheet HTML 6Page - Anpec Electronics Coropration APL1086 Datasheet HTML 7Page - Anpec Electronics Coropration APL1086 Datasheet HTML 8Page - Anpec Electronics Coropration APL1086 Datasheet HTML 9Page - Anpec Electronics Coropration APL1086 Datasheet HTML 10Page - Anpec Electronics Coropration APL1086 Datasheet HTML 11Page - Anpec Electronics Coropration APL1086 Datasheet HTML 12Page - Anpec Electronics Coropration APL1086 Datasheet HTML 13Page - Anpec Electronics Coropration APL1086 Datasheet HTML 14Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Jun., 2003
APL1086
www.anpec.com.tw
11
Package Informaion
TO-263 ( Reference JEDEC Registration TO-263)
E
D
L
L2
L3
b2
b
e
c
A
c2
L1
M illim eters
Inches
Dim
Min.
Max.
Min.
Max.
A
4.06
4.83
0.160
0.190
b
0.51
0.992
0.02
0.039
b2
1.14
1.399
0.045
0.055
c
0.38 TYP.
0.015 TYP.
c2
1.14
1.40
0.045
0.055
D
8.64
9.65
0.340
0.380
E
9.66
10.299
0.380
0.405
e
2.543 BSC.
0.100 BSC.
L
14.60
15.88
0.575
0.625
L1
2.24
2.84
0.090
0.110
L2
-2.92
-0.115
L3
1.20
1.78
0.050
0.070


Numéro de pièce similaire - APL1086

FabricantNo de pièceFiches techniqueDescription
Anpec Electronics Coropration
Anpec Electronics Corop...
APL1086 ANPEC-APL1086 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL108618FC-TRG ANPEC-APL108618FC-TRG Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL108618FC-TUG ANPEC-APL108618FC-TUG Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL108618GC-TRG ANPEC-APL108618GC-TRG Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL108618GC-TUG ANPEC-APL108618GC-TUG Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
More results

Description similaire - APL1086

FabricantNo de pièceFiches techniqueDescription
Anpec Electronics Coropration
Anpec Electronics Corop...
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
List of Unclassifed Manufacturers
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
Anpec Electronics Coropration
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz