Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FTK4N65P Datasheet(Fiches technique) 7 Page - First Silicon Co., Ltd

Numéro de pièce FTK4N65P
Description  4 Amps, 650 Volt N-CHANNEL POWER MOSFET
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4N65P Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FTK4N65P Datenblatt HTML 1Page - First Silicon Co., Ltd FTK4N65P Datenblatt HTML 2Page - First Silicon Co., Ltd FTK4N65P Datenblatt HTML 3Page - First Silicon Co., Ltd FTK4N65P Datenblatt HTML 4Page - First Silicon Co., Ltd FTK4N65P Datenblatt HTML 5Page - First Silicon Co., Ltd FTK4N65P Datenblatt HTML 6Page - First Silicon Co., Ltd FTK4N65P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TYPICAL CHARACTERISTICS(Cont.)
2012. 07. 03
7/7
Revision No : 0
FTK4N65P/F/D/I
Gate - Charge Qg (nC)
0
12
10
6
2
4
8
14
16
6
0
1
2
8
12
4
0
Fig8. Qg- VGS
Fig9. Safe Operation Area
104
103
102
101
100
Fig10. Safe Operation Area
0
0
3
1
2
4
75
150
125
50
100
25
ID=3 6A
C
Junction Temperature Tj ( )
Fig11. ID - Tj
VDS = 520V
Drain - Source Voltage VDS (V)
Drain - Source Voltage VDS (V)
101
100
101
10-1
100
10-2
101
10-1
100
10-2
102
103
(FTK4N65P)
Tc= 25
Tj = 150
Single nonrepetitive pulse
C
C
DC
10ms
1ms
100µs
10µs
Operation in this
area is limited by RDS(ON)
Drain - Source Voltage VDS (V)
101
100
102
103
(FTK4N65F)
Tc= 25
Tj = 150
Single nonrepetitive pulse
C
C
DC
10ms
1ms
100µs
10µs
Operation in this
area is limited by RDS(ON)
Fig 7. C - VDS
0
10
20
30
40
Crss
Coss
Ciss


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn