Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FTK4N60P Datasheet(Fiches technique) 5 Page - First Silicon Co., Ltd

Numéro de pièce FTK4N60P
Description  4 Amps, 600 Volt N-CHANNEL POWER MOSFET
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4N60P Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK4N60P Datenblatt HTML 1Page - First Silicon Co., Ltd FTK4N60P Datenblatt HTML 2Page - First Silicon Co., Ltd FTK4N60P Datenblatt HTML 3Page - First Silicon Co., Ltd FTK4N60P Datenblatt HTML 4Page - First Silicon Co., Ltd FTK4N60P Datasheet HTML 5Page - First Silicon Co., Ltd FTK4N60P Datenblatt HTML 6Page - First Silicon Co., Ltd FTK4N60P Datenblatt HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VGS
D.U.T.
RG
10V
VDS
RL
VDD
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Pulse Width ≤ 1μs
Duty Factor ≤ 0 1%
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50kΩ
0 3
μF
DUT
VDS
Same Type
as D.U.T.
10V
0.2μF
12V
Charge
QGS
QGD
QG
VGS
3mA
VG
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
IAS
tp
Time
BVDSS
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms
2008. 07. 10
5/7
FTK4N60P / F / D / I
Revision No : 1
Power MOSFET
TEST CIRCUITS AND WAVEFORMS (Cont.)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn