Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCQ30B04 Fiches technique(PDF) 6 Page - Nihon Inter Electronics Corporation

No de pièce TCQ30B04
Description  Schottky Barrier Diode - 30A 40V Cathode Common
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NIEC [Nihon Inter Electronics Corporation]
Site Internet  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

TCQ30B04 Fiches technique(HTML) 6 Page - Nihon Inter Electronics Corporation

  TCQ30B04 Datasheet HTML 1Page - Nihon Inter Electronics Corporation TCQ30B04 Datasheet HTML 2Page - Nihon Inter Electronics Corporation TCQ30B04 Datasheet HTML 3Page - Nihon Inter Electronics Corporation TCQ30B04 Datasheet HTML 4Page - Nihon Inter Electronics Corporation TCQ30B04 Datasheet HTML 5Page - Nihon Inter Electronics Corporation TCQ30B04 Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
TCQ30B04 (per Arm)
Tj=25°C,Vm=20mVRMS,f=100kHz,Typical Value
0.5
1
2
5
10
20
50
REVERSE VOLTAGE (V)
200
500
1000
2000


Numéro de pièce similaire - TCQ30B04

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
logo
Nihon Inter Electronics...
TCQ10A04 NIEC-TCQ10A04 Datasheet
168Kb / 1P
   Scokkty Barrier Diode
TCQ10A04-11A NIEC-TCQ10A04-11A Datasheet
279Kb / 1P
   Scokkty Barrier Diode
logo
National Instruments Co...
TCQ10A04-11A NI-TCQ10A04-11A_15 Datasheet
279Kb / 1P
   SBD
TCQ10A04 NI-TCQ10A04_15 Datasheet
168Kb / 1P
   SBD
More results

Description similaire - TCQ30B04

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SBT250-04JS SANYO-SBT250-04JS Datasheet
249Kb / 3P
   Schottky Barrier Diode (Twin Type - Cathode Common) 40V, 25A Rectifier
SBT350-04R SANYO-SBT350-04R Datasheet
36Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 35A Rectifier
SBR30016JS SANYO-SBR30016JS Datasheet
54Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 30A Rectifier
SBT250-04R SANYO-SBT250-04R Datasheet
36Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBT150-04Y SANYO-SBT150-04Y Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 15A Rectifier
SBT250-04Y SANYO-SBT250-04Y Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBT150-04J SANYO-SBT150-04J Datasheet
38Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 15A Rectifier
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBJ100-04J SANYO-SBJ100-04J Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 10A Rectifier
SBJ200-04J SANYO-SBJ200-04J Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 20A Rectifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com