Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3060-X-FS Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce SI3060-X-FS
Description  GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SI3060-X-FS Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI3060-X-FS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3060-X-FS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3060-X-FS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3060-X-FS Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3060-X-FS Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3060-X-FS Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3060-X-FS Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3060-X-FS Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3060-X-FS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Si306x
10
Preliminary Rev. 0.9
4. Bill of Materials
Component(s)
Value
Supplier(s)
C1, C21
33 pF, Y2, X7R, ±20%
Panasonic, Murata, Vishay
C3
10 nF, 250 V, X7R, ±20%
Venkel, SMEC
C4
1.0 µF, 50 V, Elec/Tant, ±20%
Panasonic
C5, C6
0.1 µF, 16 V, X7R, ±20%
Venkel, SMEC
C7
2.7 nF, 50 V, X7R, ±20%
Venkel, SMEC
C8, C9
680 pF, Y2, X7R, ±10%
Panasonic, Murata, Vishay
C10
0.01 µF, 16 V, X7R, ±20%
Venkel, SMEC
C30, C315
Not installed, 120 pF, 250 V, X7R, ±10%
Venkel, SMEC
D1, D22
Dual Diode, 225 mA, 300 V, CMPD2004
Central Semiconductor
FB1, FB2
Ferrite Bead, BLM18AG601SN1
Murata
Q1, Q3
NPN, 300 V, MMBTA42
Central Semiconductor, OnSemi, Fairchild
Q2
PNP, 300 V, MMBTA92
Central Semiconductor, OnSemi, Fairchild
Q4, Q5
NPN, 60 V, 330 mW, MMBTA06
Central Semiconductor, OnSemi, Fairchild
RV1
Sidactor, 275 V, 100 A
Teccor, ST Micro, Diodes Inc., Shindengen
R1
1.07 k
Ω, 1/2 W, 1%
Venkel, SMEC, Panasonic
R2
150
Ω, 1/16 W, 5%
Venkel, SMEC, Panasonic
R3
3.65 k
Ω, 1/2 W, 1%
Venkel, SMEC, Panasonic
R4
2.49 k
Ω, 1/2 W, 1%
Venkel, SMEC, Panasonic
R5, R6
100 k
Ω, 1/16 W, 5%
Venkel, SMEC, Panasonic
R7, R8
20 M
Ω, 1/16 W, 5%
Venkel, SMEC, Panasonic
R9
1 M
Ω, 1/16 W, 1%
Venkel, SMEC, Panasonic
R10
536
Ω, 1/4 W, 1%
Venkel, SMEC, Panasonic
R11
73.2
Ω, 1/2 W, 1%
Venkel, SMEC, Panasonic
R12, R133
56.2
Ω, 1/16 W, 5%
Venkel, SMEC, Panasonic
R15, R164
0
Ω, 1/16 W, 5%
Venkel, SMEC, Panasonic
R30, R325
Not installed, 15 M
Ω, 1/8 W, 5%
Venkel, SMEC, Panasonic
R31, R335
Not installed, 5.1 M
Ω, 1/8 W, 5%
Venkel, SMEC, Panasonic
U1
SiLabs Integrated System-Side Interface
Silicon Labs
U2
Si306x line-side device
Silicon Labs
Z1
Zener Diode, 43 V, 1/2 W
General Semi, Diodes Inc.,OnSemi
Notes:
1. X2/Y3 or Y2 rated capacitors can be used to comply with Nordic supplemental insulation requirements. Additional
vendors for these safety-rated capacitors include Novacap, Syfer, and Kyocera.
2. Several diode bridge configurations are acceptable. Parts, such as a single DF-04S or four 1N4004 diodes, may be
used.
3. 56
Ω, 1/16 W, 1% resistors may be substituted for R12-R13 (0
) to decrease emissions.
4. Murata BLM18AG601SN1 may be substituted for R15-R16 (0
) to decrease emissions.
5. C30-C31 and R30-R33 can be substituted for R7-R8 to implement the enhanced caller ID circuit.


Numéro de pièce similaire - SI3060-X-FS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066-B-FS SILABS-SI3066-B-FS Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068-B-FS SILABS-SI3068-B-FS Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI306X SILABS-SI306X Datasheet
795Kb / 62P
   Programmable line interface
More results

Description similaire - SI3060-X-FS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI3038 ETC1-SI3038 Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
logo
PHOENIX CONTACT
2902874 PHOENIX-2902874 Datasheet
49Kb / 1P
   Replacement screw M4x25 for Yokogawa system cable, module side.
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
silex technology americ...
SX-590 SILEX-SX-590 Datasheet
7Mb / 1P
   Enterprise 802.11ac System on Module for Embedded Applications
REV B. 20192903
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com