Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1096 Fiches technique(PDF) 3 Page - Panasonic Semiconductor

No de pièce 2SA1096
Description  Silicon NPN epitaxial planar type(For low-frequency power amplification)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA1096 Fiches technique(HTML) 3 Page - Panasonic Semiconductor

  2SA1096 Datasheet HTML 1Page - Panasonic Semiconductor 2SA1096 Datasheet HTML 2Page - Panasonic Semiconductor 2SA1096 Datasheet HTML 3Page - Panasonic Semiconductor 2SA1096 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Power Transistors
190
2SC2497, 2SC2497A
Area of safe operation (ASO)
0.001
0.003
0.1
0.3
0.01
0.03
0.1
0.3
1
3
10
1
3
10
30
100
Single pulse
TC=25˚C
t=10ms
ICP
IC
t=1s
Collector to emitter voltage V
CE
(V)


Numéro de pièce similaire - 2SA1096

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SA1096 ISC-2SA1096 Datasheet
189Kb / 5P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1096 SAVANTIC-2SA1096 Datasheet
144Kb / 5P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1096 JMNIC-2SA1096 Datasheet
207Kb / 5P
   Silicon PNP Power Transistors
2SA1096 JMNIC-2SA1096 Datasheet
207Kb / 5P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1096 NJSEMI-2SA1096 Datasheet
127Kb / 2P
   Silicon PNP Power Transistor
More results

Description similaire - 2SA1096

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
XN01558 PANASONIC-XN01558 Datasheet
78Kb / 3P
   Silicon NPN epitaxial planar type For low-frequency amplification
DSC7003 PANASONIC-DSC7003 Datasheet
315Kb / 3P
   Silicon NPN epitaxial planar type For low frequency output amplification
2SD2621 PANASONIC-2SD2621 Datasheet
88Kb / 3P
   Silicon NPN epitaxial planar type For low-frequency driver amplification
2SD2051 PANASONIC-2SD2051 Datasheet
57Kb / 2P
   Silicon NPN epitaxial planar type Darlington(For low-frequency amplification)
2SB941 PANASONIC-2SB941 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For low-frequency power amplification)
2SB967 PANASONIC-2SB967 Datasheet
43Kb / 2P
   Silicon PNP epitaxial planar type(For low-frequency power amplification)
2SB942 PANASONIC-2SB942 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For low-frequency power amplification)
DSA7504 PANASONIC-DSA7504 Datasheet
317Kb / 3P
   Silicon PNP epitaxial planar type For low frequency amplification
2SC3944 PANASONIC-2SC3944 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planar type(For low-frequency driver and high power amplification)
2SD1051 PANASONIC-2SD1051 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com