Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

THS4631 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce THS4631
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

THS4631 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button THS4631 Datasheet HTML 2Page - Texas Instruments THS4631 Datasheet HTML 3Page - Texas Instruments THS4631 Datasheet HTML 4Page - Texas Instruments THS4631 Datasheet HTML 5Page - Texas Instruments THS4631 Datasheet HTML 6Page - Texas Instruments THS4631 Datasheet HTML 7Page - Texas Instruments THS4631 Datasheet HTML 8Page - Texas Instruments THS4631 Datasheet HTML 9Page - Texas Instruments THS4631 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
0.5
1
1.5
2
2.5
3
3.5
4
VO - Output Voltage Swing - VPP
G = 2,
RF = 499 ,
W
CF = 8.2 pF,
f = 4 MHz
HD3, RL = 100 W
HD2, RL = 1 kW
HD3, RL = 1 kW
HD2, RL = 100 W
−90
−80
−70
−60
−50
−40
−30
1 M
10 M
100 M
f − Frequency − Hz
Gain = 2
RF = 499 Ω,
CF = 8.2 pF
VO = 2 VPP
RL = 100 Ω
RL = 1 kΩ
-1 10
-100
-90
-80
-70
-60
-50
-40
-30
1 M
10 M
100 M
f - Frequency - Hz
Gain = 2
RF = 499 W
CF = 8.2 pF
VO = 2 VPP
RL = 100 W
RL = 1 kW
−10
0
10
20
30
40
50
60
70
80
90
1 k
10 k
100 k
1 M
10 M 100 M
1 G
f − Frequency − Hz
−200
−175
−150
−125
−100
−75
−50
−25
0
25
50
0
200
400
600
800
1000
1200
0
2
4
6
8
10
12
VO − Output Voltage − VPP
G = 5,
RF = 499 Ω,
RG = 124 Ω
72
73
74
75
76
77
78
79
80
81
82
−40 −30−20 −10 0 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
9
9.5
10
10.5
11
11.5
12
0
2
4
6
8
10
12
14
16
TA = 85°C
TA = 25°C
VS − Supply Voltage − +V
TA = −40°C
1
10
100
10
100
1 k
10 k
100 k
f − Frequency − Hz
0
100
200
300
400
500
600
700
800
−40 −30 −20−10 0 10 20 30 40 50 60 70 80 90
TA − Free-Air Temperature − °C
THS4631
SLOS451A – DECEMBER 2004 – REVISED MARCH 2005
TYPICAL CHARACTERISTICS (±15 V GRAPHS) (continued)
T
A = 25°C, G = 2, RF = 499 Ω, RL = 1 kΩ, Unless otherwise noted.
SECOND ORDER
THIRD ORDER
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT VOLTAGE SWING
Figure 7.
Figure 8.
Figure 9.
SLEW RATE
OPEN-LOOP GAIN
OPEN-LOOP GAIN AND PHASE
vs
vs
vs
OUTPUT VOLTAGE
TEMPERATURE
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
INPUT VOLTAGE
QUIESCENT CURRENT
INPUT BIAS CURRENT
vs
vs
vs
FREQUENCY
SUPPLY VOLTAGE
TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn