Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES5108 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce ES5108
Description  ADC with serial output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ES5108 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ES5108 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CYRUSTEK CO.
ES5108 3 1/2 Digit
ADC with serial output
continued from previous page
Pin No.
Symbol
Type
Description
38
BZINM
I
Buzzer control master pin.
39
EOC
O
End of conversion indicator.
40
V-
P
Negative supply voltage. Connecting to battery negative terminal.
41
VINT
-
Integrator output.
42
VBUFF
-
Integration register connection.
43
CAZ
-
Auto-zero capacitor connection.
44
VIN-
I
Analog low input signal.
45
VIN+
I
Analog high input signal.
46
ANA-COM
O
Set the common-mode voltage for the system.
47
CREF-
-
Negative capacitor connection for on-chip A/D converter.
48
CREF+
-
Positive capacitor connection for on-chip A/D converter.
Note:
1. -/MHz for ES5108S
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V+ to V-)
12V
Analog Input Voltage (either input)
V+ to V-
Reference Input Voltage (either input)
V+ to V-
Clock Input
DGND to V+
Power Dissipation(plastic package)
800mW
Operating Temperature
C to
C
Storage Temperature
C to
C
Lead Temperature (soldering, 10sec)
C
Electrical Characteristics
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
DC Characteristics Zero In-
put Reading
, full-
scale=200.0mV
-000.0
+000.0
Digital Reading
Ratiometric Reading
=
,
=100mV
999
999/1000
1000
Digital Reading
Linearity (Max.
deviation
from best straight line fit)
full-scale=200mV or
full-scale=2.000V
-1
1
Counts
Roll-over Error
=
200.0mV
-1
+1
Counts
Common Mode Rejection
Ratio
= 1V,
=0V
Full-Scale=200.0mV
50
V/V
Low battery flag
V+ to V-
6.6
6.9
7.2
V
Noise
, full-
scale=200.0mV
15
Vp-p
Input Leakage Current
1
10
pA
Zero Reading Drift
,
C
C
0.2
1
V/ C
continued on next page
6
July 4, 2002


Numéro de pièce similaire - ES5108

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108 Datasheet
521Kb / 18P
   ADC with serial output
ES5108CE CYRUSTEK-ES5108CE Datasheet
521Kb / 18P
   ADC with serial output
ES5108D CYRUSTEK-ES5108D Datasheet
521Kb / 18P
   ADC with serial output
ES5108L CYRUSTEK-ES5108L Datasheet
521Kb / 18P
   ADC with serial output
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
More results

Description similaire - ES5108

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
logo
Analog Devices
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
logo
Linear Technology
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Linear Technology
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com