Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSDD-25N Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce CSDD-25N
Description  SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSDD-25N Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  CSDD-25N Datasheet HTML 1Page - Central Semiconductor Corp CSDD-25N Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSDD-25M
CSDD-25N
SILICON CONTROLLED RECTIFIER
25 AMP, 600 THRU 800 VOLTS
D2PAK CASE
Central
Semiconductor Corp.
TM
R0 (15-June 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSDD-25M
series type is an Epoxy Molded Silicon Controlled
Rectifier designed for sensing circuit applications
and control systems.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CSDD
CSDD
-25M
-25N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
400
600
V
RMS On-State Current (TC=90°C)
IT(RMS)
25
A
Peak One Cycle Surge (t=10ms)
ITSM
250
A
I2t Value for Fusing (t=10ms)
I2t
310
A2s
Peak Gate Power (tp=10µs)
PGM
40
W
Average Gate Power Dissipation
PG (AV)
1.0
W
Peak Forward Gate Current (tp=10µs)
IFGM
4.0
A
Peak Forward Gate Voltage (tp=10µs)
VFGM
16
V
Peak Reverse Gate Voltage (tp=10µs)
VRGM
5.0
V
Critical Rate of Rise of On-State Current
di/dt
100
A/µs
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
60
°C/W
Thermal Resistance
ΘJC
1.3
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM
10
µA
IDRM, IRRM
Rated VDRM, VRRM, TC=125°C
4.0
mA
IGT
VD=12V, RL=10Ω
4.2
30
mA
IH
IT=100mA
12.5
50
mA
VGT
VD=12V, RL=10Ω
0.65
1.50
V
VTM
ITM=50A, tp=380µs
1.80
V
dv/dt
VD=2/3 VDRM, TC=125°C
200
V/µs


Numéro de pièce similaire - CSDD-25N

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CSDD-25N CENTRAL-CSDD-25N Datasheet
404Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
CSDD-25N CENTRAL-CSDD-25N Datasheet
404Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER
More results

Description similaire - CSDD-25N

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CSDD-25M CENTRAL-CSDD-25M_10 Datasheet
404Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
CSDD-8M CENTRAL-CSDD-8M Datasheet
74Kb / 2P
   SILICON CONTROLLED RECTIFIER 8.0 AMP, 600 THRU 800 VOLTS
CS220-25B CENTRAL-CS220-25B Datasheet
66Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS
CS220-35M CENTRAL-CS220-35M Datasheet
74Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 600 THRU 800 VOLTS
CS92-2M CENTRAL-CS92-2M Datasheet
73Kb / 2P
   SILICON CONTROLLED RECTIFIER 2.0 AMP, 600 THRU 800 VOLTS
CSDD-12M CENTRAL-CSDD-12M Datasheet
74Kb / 2P
   SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
CSDD-16M CENTRAL-CSDD-16M Datasheet
73Kb / 2P
   SILICON CONTROLLED RECTIFIER 16 AMP, 600 THRU 800 VOLTS
2N686 CENTRAL-2N686 Datasheet
98Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
CQ220-25MFP CENTRAL-CQ220-25MFP Datasheet
80Kb / 2P
   25 AMP TRIAC 600 THRU 800 VOLTS
CQDD-25M CENTRAL-CQDD-25M Datasheet
76Kb / 2P
   25 AMP TRIAC 600 THRU 800 VOLTS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com