Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1269 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SD1269
Description  Silicon PNP epitaxial planar type(For power switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1269 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SD1269 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1269 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1269 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SB944
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
Cob —VCB
ton, tstg, tf — IC
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
(4) Without heat sink
(P
C=2W)
(1)
(4)
(3)
(2)
Ambient temperature Ta (˚C)
0
–10
–8
–2
–6
–4
0
–6
–5
–4
–3
–2
–1
T
C=25˚C
–80mA
–90mA
–60mA
–70mA
–40mA
–50mA
–30mA
–20mA
–8mA
–5mA
I
B=–100mA
Collector to emitter voltage V
CE
(V)
– 0.01
– 0.3
–1
–10
– 0.03
– 0.1
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=20
25˚C
T
C=100˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=20
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
V
CE=–2V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
V
CE=–10V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
1
3
10
30
100
300
1000
3000
10000
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
0
–3.2
– 0.8
–2.4
–1.6
0.01
0.03
0.1
0.3
1
3
10
30
100
t
stg
t
on
t
f
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=10
(I
B1=–IB2)
V
CC=–50V
T
C=25˚C
Collector current I
C
(A)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
1ms
10ms
t=0.5ms
I
CP
I
C
Non repetitive pulse
T
C=25˚C
DC
Collector to emitter voltage V
CE
(V)


Numéro de pièce similaire - 2SD1269

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1269 PANASONIC-2SD1269 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
logo
Inchange Semiconductor ...
2SD1269 ISC-2SD1269 Datasheet
140Kb / 2P
   Good Linearity of hFE
More results

Description similaire - 2SD1269

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SB945 PANASONIC-2SB945 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB946 PANASONIC-2SB946 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1607 PANASONIC-2SB1607 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1154 PANASONIC-2SB1154 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1156 PANASONIC-2SB1156 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1155 PANASONIC-2SB1155 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB932 PANASONIC-2SB932 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB943 PANASONIC-2SB943 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB931 PANASONIC-2SB931 Datasheet
57Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB933 PANASONIC-2SB933 Datasheet
57Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com