Moteur de recherche de fiches techniques de composants électroniques |
|
LM317D2T Fiches technique(PDF) 1 Page - ON Semiconductor |
|
LM317D2T Fiches technique(HTML) 1 Page - ON Semiconductor |
1 / 12 page © Semiconductor Components Industries, LLC, 2005 August, 2005 − Rev. 8 1 Publication Order Number: LM317/D LM317, NCV317 1.5 A Adjustable Output, Positive Voltage Regulator The LM317 is an adjustable 3−terminal positive voltage regulator capable of supplying in excess of 1.5 A over an output voltage range of 1.2 V to 37 V. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area compensation, making it essentially blow−out proof. The LM317 serves a wide variety of applications including local, on card regulation. This device can also be used to make a programmable output regulator, or by connecting a fixed resistor between the adjustment and output, the LM317 can be used as a precision current regulator. Features • Output Current in Excess of 1.5 A • Output Adjustable between 1.2 V and 37 V • Internal Thermal Overload Protection • Internal Short Circuit Current Limiting Constant with Temperature • Output Transistor Safe−Area Compensation • Floating Operation for High Voltage Applications • Available in Surface Mount D2PAK−3, and Standard 3−Lead Transistor Package • Eliminates Stocking many Fixed Voltages • Pb−Free Packages are Available Figure 1. Standard Application **Cin is required if regulator is located an appreciable distance from power supply filter. **CO is not needed for stability, however, it does improve transient response. Since IAdj is controlled to less than 100 mA, the error associated with this term is negligible in most applications. Vout + 1.25 V 1 ) R 2 R 1 ) I Adj R 2 LM317 Vin Vout R1 240 R2 Adjust IAdj Cin* 0.1 mF + C O** 1.0 mF TO−220 T SUFFIX CASE 221A Pin 1. Adjust 2. Vout 3. Vin D2PAK−3 D2T SUFFIX CASE 936 Heatsink surface (shown as terminal 4 in case outline drawing) is connected to Pin 2. 3 1 2 Heatsink surface connected to Pin 2. 3 1 2 http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 10 of this data sheet. ORDERING INFORMATION See general marking information in the device marking section on page 10 of this data sheet. DEVICE MARKING INFORMATION |
Numéro de pièce similaire - LM317D2T |
|
Description similaire - LM317D2T |