Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M68HC11ERG Fiches technique(PDF) 52 Page - Motorola, Inc

No de pièce M68HC11ERG
Description  M68HC11E Series Programming Reference Guide
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11ERG Fiches technique(HTML) 52 Page - Motorola, Inc

Back Button M68HC11ERG Datasheet HTML 48Page - Motorola, Inc M68HC11ERG Datasheet HTML 49Page - Motorola, Inc M68HC11ERG Datasheet HTML 50Page - Motorola, Inc M68HC11ERG Datasheet HTML 51Page - Motorola, Inc M68HC11ERG Datasheet HTML 52Page - Motorola, Inc M68HC11ERG Datasheet HTML 53Page - Motorola, Inc M68HC11ERG Datasheet HTML 54Page - Motorola, Inc M68HC11ERG Datasheet HTML 55Page - Motorola, Inc M68HC11ERG Datasheet HTML 56Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
M68HC11ERG/AD
52
M68HC11E Series Programming Reference Guide
MOTOROLA
Timer Interrupt Mask Register 1 (TMSK1)
OC1I–OC4I — Output Compare x Interrupt Enable
If the OCxI enable bit is set when the OCxF flag bit is set, a hardware
interrupt sequence is requested.
I4/O5I — Input Capture 4/Output Compare 5 Interrupt Enable
When I4/O5 in PACTL is 1, I4/O5I is the input capture 4 interrupt enable bit.
When I4/O5 in PACTL is 0, I4/O5I is the output compare 5 interrupt enable
bit.
IC1I–IC3I — Input Capture x Interrupt Enable
If the ICxI enable bit is set when the ICxF flag bit is set, a hardware interrupt
sequence is requested.
Timer Interrupt Mask Register 2 (TMSK2)
TOI — Timer Overflow Interrupt Enable
0 = TOF interrupts disabled
1 = Interrupt requested when TOF is set to 1
RTII — Real-Time Interrupt Enable
0 = RTIF interrupts disabled
1 = Interrupt requested when RTIF is set to 1
PAOVI — Pulse Accumulator Input Edge Interrupt Enable
0 = PAOVF interrupts disabled
1 = Interrupt requested when PAOVF is set to 1
PAII — Pulse Accumulator Input Edge Interrupt Enable
0 = PAIF interrupts disabled
1 = Interrupt requested when PAIF is set to 1
Bits [3:2] — Unimplemented
Always reads 0
PR[1:0] — Timer Prescaler Select
In normal modes, PR1 and PR0 can only be written once, and the write must
occur within 64 cycles after reset.
Address: $1022
Bit 7
654321
Bit 0
Read:
OC1I
OC2I
OC3I
OC4I
I4/O5I
IC1I
IC2I
IC3I
Write:
Reset:
00000000
Address: $1024
Bit 7
654321
Bit 0
Read:
TOI
RTII
PAOVI
PAII
PR1
PR0
Write:
Reset:
00000000
= Unimplemented
PR1
PR0
Prescaler
00
÷ 1
01
÷ 4
10
÷ 8
11
÷ 16


Numéro de pièce similaire - M68HC11ERG

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
M68HC11E MOTOROLA-M68HC11E Datasheet
3Mb / 268P
   Microcontrollers
logo
Freescale Semiconductor...
M68HC11E FREESCALE-M68HC11E Datasheet
1Mb / 242P
   HC11 Microcontrollers
logo
Motorola, Inc
M68HC11E MOTOROLA-M68HC11E Datasheet
3Mb / 268P
   8-channel, 8-bit analog-to-digital (A/D) converter
logo
Freescale Semiconductor...
M68HC11E FREESCALE-M68HC11E Datasheet
1Mb / 242P
   Microcontrollers
logo
Motorola, Inc
M68HC11E0 MOTOROLA-M68HC11E0 Datasheet
678Kb / 4P
   CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
More results

Description similaire - M68HC11ERG

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
logo
Panasonic Semiconductor
KX-T7730 PANASONIC-KX-T7730 Datasheet
3Mb / 16P
   Quick Reference Guide
logo
List of Unclassifed Man...
1827682-1 ETC2-1827682-1 Datasheet
2Mb / 4P
   QUICK REFERENCE GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com