Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SB1589 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SB1589
Description  Silicon PNP epitaxial planer type(For low-frequency output amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1589 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SB1589 Datasheet HTML 1Page - Panasonic Semiconductor 2SB1589 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SB1589
0
160
40
120
80
140
20
100
60
0
1.2
1.0
0.8
0.6
0.4
0.2
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–3.0
–2.5
–2.0
–1.5
–1.0
– 0.5
Ta=25˚C
–2.5mA
–2.0mA
–1.5mA
–1.0mA
– 0.5mA
I
B=–3.0mA
Collector to emitter voltage V
CE
(V)
0
–1.2
–1.0
– 0.8
– 0.2
– 0.6
– 0.4
0
–2.4
–2.0
–1.6
–1.2
– 0.8
– 0.4
V
CE=–1V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
– 0.01
– 0.1
–1
–10
– 0.03
–0.3
–3
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
I
C/IB=40
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
0
600
500
400
300
200
100
V
CE=–1V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
1
3
10
30
100
0
600
500
400
300
200
100
V
CB=–6V
f=200MHz
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
120
100
80
60
40
20
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
PC — Ta
IC — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB


Numéro de pièce similaire - 2SB1589

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SB1589 KEXIN-2SB1589 Datasheet
49Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1589 KEXIN-2SB1589_15 Datasheet
569Kb / 2P
   PNP Transistors
More results

Description similaire - 2SB1589

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SB767 PANASONIC-2SB767 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1434 PANASONIC-2SB1434 Datasheet
60Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1446 PANASONIC-2SB1446 Datasheet
39Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB779 PANASONIC-2SB779 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1398 PANASONIC-2SB1398 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB819 PANASONIC-2SB819 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB976 PANASONIC-2SB976 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1438 PANASONIC-2SB1438 Datasheet
39Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB766 PANASONIC-2SB766 Datasheet
39Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1297 PANASONIC-2SB1297 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com