Moteur de recherche de fiches techniques de composants électroniques |
|
1N4104CURTR-1 Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
1N4104CURTR-1 Fiches technique(HTML) 2 Page - Microsemi Corporation |
2 / 3 page SCOTTSD A L E DIVISION 1N4099UR thru 1N4135UR (or MLL4099 thru MLL4135) and 1N4614UR thru 1N4627UR (or MLL4614 thru MLL4627) *ELECTRICAL CHARACTERISTICS @ 25oC NOMINAL ZENER VOLTAGE VZ @ IZT (NOTE 2) ZENER TEST CURRENT IZT MAXIMUM ZENER IMPEDANCE ZZT (Note 3) MAXIMUM REVERSE CURRENT IR @ VR MAXIMUM NOISE DENSITY ND @ IZT MAXIMUM ZENER CURRENT IZM TYPICAL TEMP.COEFF. OF ZENER VOLTAGE αVZ INDUSTRY PART NUMBER (NOTE 1) MICROSEMI PART NUMBER (NOTE 1) VOLTS µA OHMS µA Volts µV/√Hz mA %/ oC 1N4614UR 1N4615UR 1N4616UR MLL4614 MLL4615 MLL4616 1.8 2.0 2.2 250 250 250 1200 1250 1300 3.5 2.5 2.0 1.0 1.0 1.0 1 1 1 120 110 100 -0.075 -0.075 -0.075 1N4617UR 1N4618UR 1N4619UR 1N4620UR MLL4617 MLL4618 MLL4619 MLL4620 2.4 2.7 3.0 3.3 250 250 250 250 1400 1500 1600 1650 1.0 0.5 0.4 3.5 1.0 1.0 1.0 1.5 1 1 1 1 95 90 87 85 -0.075 -0.075 -0.075 -0.075 1N4621UR 1N4622UR 1N4623UR 1N4624UR MLL4621 MLL4622 MLL4623 MLL4624 3.6 3.9 4.3 4.7 250 250 250 250 1700 1650 1600 1550 3.5 2.5 2.0 5.0 2.0 2.0 2.0 3.0 1 1 1 1 83 80 77 75 -0.065 -0.060 -0.050 -0.040,+0.020 1N4625UR 1N4626UR 1N4627UR 1N4099UR MLL4625 MLL4626 MLL4627 MLL4099 5.1 5.6 6.2 6.8 250 250 250 250 1500 1400 1200 200 5.0 5.0 5.0 1.0 3.0 4.0 5.0 5.17 2 4 5 40 70 65 61 56 -0.045,+0.030 -0.020,+0.040 -0.010,+0.050 0.040 1N4100UR 1N4101UR 1N4102UR 1N4103UR MLL4100 MLL4101 MLL4102 MLL4103 7.5 8.2 8.7 9.1 250 250 250 250 200 200 200 200 1.0 0.5 0.5 0.5 5.70 6.24 6.61 6.92 40 40 40 40 51 46 44 42 0.045 0.048 0.049 0.050 1N4104UR 1N4105UR 1N4106UR 1N4107UR MLL4104 MLL4105 MLL4106 MLL4107 10 11 12 13 250 250 250 250 200 200 200 200 0.5 .05 .05 .05 7.60 8.44 9.12 9.87 40 40 40 40 38 35 32 29 0.055 0.060 0.065 0.065 1N4108UR 1N4109UR 1N4110UR 1N4111UR MLL4108 MLL4109 MLL4110 MLL4111 14 15 16 17 250 250 250 250 200 100 100 100 .05 .05 .05 .05 10.65 11.40 12.15 12.92 40 40 40 40 27 25 24 22 0.070 0.070 0.070 0.075 1N4112UR 1N4113UR 1N4114UR 1N4115UR MLL4112 MLL4113 MLL4114 MLL4115 18 19 20 22 250 250 250 250 100 150 150 150 .05 .05 .01 .01 13.67 14.44 15.20 16.72 40 40 40 40 21 20 19 17 0.075 0.075 0.075 0.080 1N4116UR 1N4117UR 1N4118UR 1N4119UR MLL4116 MLL4117 MLL4118 MLL4119 24 25 27 28 250 250 250 250 150 150 150 200 .01 .01 .01 .01 18.25 1900 20.45 21.28 40 40 40 40 16 15 14 14 0.080 0.080 0.085 0.085 1N4120UR 1N4121UR 1N4122UR 1N4123UR MLL4120 MLL4121 MLL4122 MLL4123 30 33 36 39 250 250 250 250 200 200 200 200 .01 .01 .01 .01 22.80 25.08 27.38 29.65 40 40 40 40 13 12 11 9.8 0.085 0.085 0.090 0.090 1N4124UR 1N4125UR 1N4126UR 1N4127UR MLL4124 MLL4125 MLL4126 MLL4127 43 47 51 56 250 250 250 250 250 250 300 300 .01 .01 .01 .01 32.65 35.75 38.76 42.60 40 40 40 40 8.9 8.1 7.5 6.7 0.090 0.090 0.090 0.090 1N4128UR 1N4129UR 1N4130UR 1N4131UR MLL4128 MLL4129 MLL4130 MLL4131 60 62 68 75 250 250 250 250 400 500 700 700 .01 .01 .01 .01 45.60 47.10 51.68 57.00 40 40 40 40 6.4 6.1 5.6 5.1 0.090 0.090 0.095 0.095 1N4132UR 1N4133UR 1N4134UR 1N4135UR MLL4132 MLL4133 MLL4134 MLL4135 82 87 91 100 250 250 250 250 800 1000 1200 1500 .01 .01 .01 .01 62.32 66.12 69.16 76.00 40 40 40 40 4.6 4.4 4.2 3.8 0.095 0.095 0.095 0.095 NOTE 1: These may be ordered as either 1N4614UR-1N4627UR, 1N4099UR-1N4135UR or as the MLL4614-MLL4627, MLL4099-MLL4135. NOTE 2: The JEDEC type numbers shown above have a standard tolerance of +/-5% for nominal Zener voltage and are also available in 2% and 1% tolerance with suffix C and D respectively. VZ is measured with the diode in thermal equilibrium (still air) at 25 oC for end-cap terminations. NOTE 3: The zener impedance is derived by superimposing on IZT, a 60 Hz rms ac current equal to 10% of IZT (25µA). See MicroNote 202 for zener impedance variation with different operating currents. Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2002 11-05-03 REV C |
Numéro de pièce similaire - 1N4104CURTR-1 |
|
Description similaire - 1N4104CURTR-1 |