Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC33797 Fiches technique(PDF) 18 Page - Freescale Semiconductor, Inc

No de pièce MC33797
Description  Four Channel Squib Driver IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33797 Fiches technique(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC33797 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33797
FUNCTIONAL DESCRIPTION
FUNCTIONAL DEVICE OPERATION
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
INTRODUCTION
In this section references are made to XX; e.g., in
SQB_HI_XX, SQB_LO_XX, and SENSE_XX terminals.
SQB_HI_XX refers to SQB_HI_1A, SQB_HI_1B,
SQB_HI_2A or SQB_HI_2B, SQB_LO_1A, etc.
SERIAL INTERFACE
An 8-bit shift register is provided for communication
through the serial port to a microprocessor. The four-wire SPI
interface is used to read from, and write to, the shift register.
Data written to the shift register will control the firing of the
FET switches or select a diagnostic mode. Data is
sequentially shifted into and out of the shift register, most
significant bit first.
Data read from the shift register will contain the results of
the diagnostic mode selected in the previous 8-bit write. If a
NOP command is written, all diagnostic modes are cleared
and the data in the shift registers will be read out. With any
undefined commands, all diagnostic modes are cleared and
the data in the shift registers will be read out. All functions are
set when CS goes high. All diagnostic commands are cleared
on the next valid SPI command.
SPI INTERFACE INTEGRITY CHECK
The $96 command with corresponding $69 return byte
during the next 8-bit write is used as an echo function to
diagnose the SPI integrity (refer to Table 8).
The Diagnostic Data Out bits not containing data are set to
zero.
Only 8-bit words will be accepted. Any words that are
≤7
bits or
≥9 bits will be ignored or cleared.
The second byte for command programming will be
treated as a NOP if any FET is firing. The programming
commands must be sequential or they will be treated as a
NOP.
The four-channel squib driver IC is a slave peripheral
device designed to interface to a Freescale SPI or other serial
peripheral interface. Data is read on the rising edge of CLK,
and data is transferred out on the rising edge of CLK. On the
falling edge of CSB, the IC configures itself for one of two SPI
modes. If CLK is low, the IC will configure itself to be in
Freescale SPI mode (see Figure 5). If CLK is high, the IC will
configure itself to be in an alternative SCI mode (see
Figure 6). In both cases, data is still read off the rising edge
and transferred off the falling edge of the CLK. When the IC
is deselected (CSB goes high), then D0 is a high-impedance
output.
Response bit 7 of command $C8 (refer to Table 7,
page 22) is hard-wired to “1” or “0” to identify the squib IC as
a four- or two-channel squib driver IC. When a $C8 command
is issued for the four-channel squib driver IC, the response bit
7 is set to a “0”. When a $C8 command is issued for the two-
channel squib driver IC, the response bit 7 is set to a “1”.
STANDARD SQUIB IC FUNCTION
The standard squib IC application utilizes the high- and
low-side squib drivers from the same squib driver ICs (see
Figure 7, Standard Squib Firing).
The SENSE_XX (1A, 1B, 2A, 2B) terminal is connected to
SQB_LO_XX (1A, 1B, 2A, 2B). Squib diagnostics are
conducted using this terminal. In the standard mode, the $C2
(SQUIB_LO_XX_CONT) command will be used to check
continuity of the low-side driver from the SQB_LO_XX
terminal (1A, 1B, 2A, 2B) to the low-side driver FET
(Figure 7).
The low-side driver continuity is checked during the
continuity test. The driver continuity information will be
cleared after the information is transmitted on the next valid
SPI command.
EXAMPLE—STANDARD SQUIB COMMAND SPI
SEQUENCE FROM MICROCONTROLLER
TX: Request squib short-to-battery/GND diagnostic mea-
surement ($C1).
RX: Previous executed command information.
TX: Request squib 1A resistance measurement ($D0–
$D3).
RX: Receive results from short-to-battery/GND diagnos-
tics.
TX: Request squib 1B resistance measurement ($D0–
$D3).
RX: Receive measured squib 1A resistance information.
TX: Request squib 2A resistance measurement ($D0–
$D3).
RX: Receive measured squib 1B resistance information.
TX: Request squib 2B resistance measurement ($D0–
$D3).
RX: Receive measured squib 2A resistance information
TX: Request continuity command ($C2).
RX: Receive measured squib 2B resistance information
TX: Request another command sequence.
RX: Receive low-side driver 1A, 1B, 2A, and 2B continuity
information. Latches will be cleared after data trans-
ferred from the squib IC (clear on rising edge of chip
select).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NTE1749 Integrated Circuit Push-Pull Four Channel Driver 1  2  3  NTE Electronics
LM18293 Four Channel Push-Pull Driver 1  2  3  4  5  More National Semiconductor (TI)
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
SP7683 Four Channel Charge Pump Regulator LED Driver 1  2  3  4  5  More Sipex Corporation
ATR0809 FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS 1  2  3  4  5  More ATMEL Corporation
L293C PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL 1  2  3  4  5  STMicroelectronics
L293D PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
SP7615 Four Channel Constant Current LED Driver 1  2  3  4  5  More Sipex Corporation
L293DD013TR PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
NJW4301 2 CHANNEL BRIDGE DRIVER IC 1  2  3  4  5  More New Japan Radio

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn