Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC33797 Fiches technique(PDF) 15 Page - Freescale Semiconductor, Inc

No de pièce MC33797
Description  Four Channel Squib Driver IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33797 Fiches technique(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MC33797 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33797
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The Four-Channel Squib Driver IC is a complete squib
diagnostic and deployment interface for use in automotive air
bag modules. Extensive diagnostics and system control
features are incorporated to provide fail-safe operation.
The device contains a serial peripheral interface- (SPI)
compatible 8-bit interface for microprocessor control. This
interface allows the microprocessor to set up and read back
the results of all internal diagnostic functions. Squib
resistance level, along with possible shorts-to-battery or
ground, open ground connections, or shorts between squib
firing loops, are included in the diagnostic set. Additionally,
the squib supply voltage levels can be checked and the low-
side fire return can be checked for an open condition (open
ground connection). The SPI interface, along with the
additional FEN terminal, is used to arm and fire a selected
squib.
The device has the capability to be used in a standard four-
channel squib driver IC or in a cross-coupled state with the
high- and low-side squib drivers located on separate squib
driver ICs.
Both the high-side and low-side output drivers are
protected against temporary shorts to battery or ground. The
current limit threshold is set by an external resistor.
FUNCTIONAL TERMINAL DESCRIPTION
INTRODUCTION
In this section references are made to XX; e.g., in
SENSE_XX, SQB_LO_XX, and SQB_LO_XX_CONT. In
these and similar instances, XX denotes 1A, 1B, 2A, and 2B.
SERIAL CLOCK (SCLK)
Serial clock input for SPI interface. Data on the D1 terminal
is clocked into the device on the rising edge. Data is clocked
out of the device via the D0 terminal on the falling edge. Default
state is low with no connection.
CHIP SELECT (CS)
Chip select for SPI interface. Active low. On rising edge,
data shifted into the shift register is internally latched. On
falling edge, diagnostic results are latched into shift register.
Default state is high with no connection.
MASTEROUT/SLAVE IN (MOSI)
Serial data input to 33797 SPI interface. Default state is
low with no connection.
MASTER IN/SLAVE OUT (MISO)
Serial data output from 33797 SPI interface.
FET DRIVER 1A AND 1B (FEN_1)
Active high input signal to enable operation of squibs 1A
and 1B FET drivers. All diagnostic functions are available
while terminal is low. Default state is low with no connection.
FET DRIVER 2A AND 2B (FEN_2)
Active high input signal to enable operation of squibs 2A
and 2B FET drivers. All diagnostic functions are available
while terminal is low. Default state is low with no connection.
DEVICE GROUND (GND)
Device ground terminal for internal logic and diagnostic
circuitry.
DEVICE POWER (VDD)
Device power terminal for internal logic and diagnostic
circuitry.
RESET (RST)
Reset Bar. Active low. With low input signal the internal
functions of the squib driver IC are disabled and all data in the
serial interface shift registers is cleared. Default state is low
with no connection.
LIMIT RESISTOR - DIAGNOSTIC (R_DIAG)
External resistor to ground is used to set the diagnostic
current for squib resistance.
LIMIT RESISTOR 1A AND 1B (R_LIMIT_1)
External resistor to ground is used to set current limit for
squibs 1A and 1B FET drivers.
LIMIT RESISTOR 2A AND 2B (R_LIMIT_2)
External resistor to ground is used to set current limit for
squibs 2A and 2B FET drivers.
SQUIB DIAGNOSTIC 1A AND 1B (VDIAG_1)
Diagnostic terminals for the high-side safing sensors for
squibs 1A and 1B, as well as the VFIRE supply voltage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NTE1749 Integrated Circuit Push-Pull Four Channel Driver 1  2  3  NTE Electronics
LM18293 Four Channel Push-Pull Driver 1  2  3  4  5  More National Semiconductor (TI)
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
SP7683 Four Channel Charge Pump Regulator LED Driver 1  2  3  4  5  More Sipex Corporation
ATR0809 FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS 1  2  3  4  5  More ATMEL Corporation
L293C PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL 1  2  3  4  5  STMicroelectronics
L293D PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
SP7615 Four Channel Constant Current LED Driver 1  2  3  4  5  More Sipex Corporation
L293DD013TR PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
NJW4301 2 CHANNEL BRIDGE DRIVER IC 1  2  3  4  5  More New Japan Radio

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn